HRS-4F-R
AI

The **HRS-4F-R** is a specific type of **Subminiature Intermediate Power Relay** commonly used in PCB (Printed Circuit Board) applications. It is designed to act as an electrically operated switch, allowing a low-power signal to control a much higher power circuit.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the HRS-4F-R relay:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Max Switching Current** | 10A to 15A (Depending on voltage/load type) |
| **Max Switching Voltage** | 250VAC / 30VDC |
| **Coil Voltage (Nominal)** | Usually 5V, 12V, or 24V DC (indicated by suffix) |
| **Coil Power Consumption** | Approx. 360mW to 450mW |
| **Terminal Type** | PCB Through-hole pins |
| **Dielectric Strength** | 1,500VAC (between coil and contacts) |
---
### 2. Internal Components and Construction
The HRS-4F-R consists of four main electronic/mechanical parts:
1. **The Coil:** A copper wire winding around an iron core. When current flows, it creates a magnetic field.
2. **The Armature:** A moving metal piece that is pulled by the magnetic field toward the coil.
3. **The Contacts:**
* **Common (COM):** The moving terminal.
* **Normally Closed (NC):** The terminal connected to COM when the relay is "off".
* **Normally Open (NO):** The terminal connected to COM when the relay is "on".
4. **The Spring:** Returns the armature to its original position once the coil is de-energized.
---
### 3. Part Number Breakdown (Nomenclature)
Typically, the "HRS" series follows a specific naming convention:
* **HRS:** Series Name (Miniature Power Relay).
* **4:** Contact Rating/Series Variation.
* **F:** Insulation System (Class F, which handles higher temperatures up to 155°C).
* **R:** Specific designator for RoHS compliance or specific structural sealing (Wash Tight).
---
### 4. Applications
The HRS-4F-R is frequently found in:
* **Home Appliances:** Microwave ovens, air conditioners, and washing machines.
* **Industrial Controls:** PLC output modules and motor control.
* **Automotive Electronics:** Power windows or light control.
* **Office Equipment:** Photocopiers and printers.
---
### 5. Circuit Symbol (Standard)
```text
[ Coil ] [ Contacts ]
_|_ /
| | / (NO)
(+) | L | (-) (COM)O---.
|___| \
\ (NC)
```
- ⤷
What is the standard coil resistance for the 12V DC version of the HRS-4F-R?
- ⤷ How does 'Class F' insulation benefit the lifespan of this relay?
- ⤷ Can this relay be used to switch inductive loads like motors directly?