HRS-5Z-R
AI

The **HRS-5Z-R** is a specific type of electromechanical relay, typically manufactured by companies like **HKE (Zhejiang HKE Relay)**. It is widely used in control systems and household appliances due to its compact size and high switching capacity.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical technical parameters for the HRS-5Z-R series:
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | 1C (SPDT - Single Pole Double Throw) |
| **Contact Material** | Silver Alloy (AgSnO2 or AgNi) |
| **Max Switching Current** | 3A to 5A (model dependent) |
| **Max Switching Voltage** | 250VAC / 30VDC |
| **Nominal Coil Power** | Approx. 200mW to 450mW |
| **Dielectric Strength** | 1,000VAC (between open contacts) |
| **Mechanical Life** | 10,000,000 operations |
| **Mounting Type** | Through-hole PCB Mount |
---
### 2. Internal Components and Construction
The HRS-5Z-R consists of several critical electronic and mechanical parts:
1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when energized. The "R" in the suffix often denotes high sensitivity or specific resistance ratings.
2. **Armature:** The moving metal part that is attracted by the coil's magnetic field.
3. **Spring Mechanism:** Returns the armature to its original position once power is removed from the coil.
4. **Contacts:**
* **Common (COM):** The moving terminal.
* **Normally Closed (NC):** The terminal connected to COM when the coil is OFF.
* **Normally Open (NO):** The terminal that connects to COM only when the coil is ON.
5. **Sealed Housing:** Typically a plastic casing designed to protect the internals from dust and flux during soldering.
---
### 3. Part Number Decoding (HRS-5Z-R)
* **HRS:** Series designation (Subminiature Sugar Cube Relay).
* **5:** Often refers to the contact rating (5 Amps) or a specific voltage variant depending on the manufacturer's prefix.
* **Z:** Contact form code (Z usually indicates **SPDT / Form C**).
* **R:** Indicates specialized features, such as **RoHS Compliance** or **High Sensitivity** coil requirements.
---
### 4. Common Applications
* **Home Automation:** Smart plugs, light switches, and motorized curtains.
* **Industrial Controls:** PLC output modules and small motor starters.
* **Consumer Electronics:** Microwave ovens, air conditioners, and audio equipment power management.
- ⤷
What is the standard coil voltage for the HRS-5Z-R relay?
- ⤷ How does an SPDT (Form C) contact configuration differ from SPST?
- ⤷ Can this relay be used for high-frequency switching applications?