Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HSMBJSAC22

  • AI
    The **HSMBJSAC22** (often associated with the **SAC22** series) is a high-performance **Transient Voltage Suppressor (TVS) Diode** designed to protect sensitive electronic components from voltage transients and electrostatic discharge (ESD). It is commonly utilized in data lines and power supply circuits. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the SAC22 series: | Parameter | Specification | | :--- | :--- | | **Peak Pulse Power ($P_{pp}$)** | 500 Watts (at 10/1000μs waveform) | | **Reverse Stand-Off Voltage ($V_{r}$)** | 22.0 Volts | | **Minimum Breakdown Voltage ($V_{br}$)** | 24.4 Volts | | **Maximum Clamping Voltage ($V_{c}$)** | 35.4 Volts | | **Peak Pulse Current ($I_{pp}$)** | 14.1 Amperes | | **Package Type** | SMB (DO-214AA) | --- ### 2. Functional Description The HSMBJSAC22 acts as a "clamping" device. Under normal operating conditions, it remains in a high-impedance state, appearing invisible to the circuit. When a high-voltage spike occurs (exceeding its breakdown voltage), the diode rapidly switches to a low-impedance state, diverting the excess current to ground. #### Core Features: * **Low Capacitance:** Designed to have lower junction capacitance than standard TVS diodes, making it suitable for high-speed signal protection. * **Fast Response Time:** Typically less than **1.0 picosecond** from 0 Volts to $V_{br}$ minimum. * **Plastic Package:** Usually features a UL 94V-0 flammability classification. --- ### 3. Application Areas Because of its specific voltage rating and low capacitance profile, this part is frequently found in: 1. **Telecommunications:** Protection of high-speed data lines and exchange equipment. 2. **Industrial Electronics:** Shielding microprocessors and digital logic from inductive switching loads. 3. **Consumer Electronics:** Protecting HDMI, USB, or peripheral ports from ESD events. --- ### 4. Circuit Implementation (Example) To integrate this part, place it in parallel with the load being protected. ```markdown Vcc (Line) | |-------+------- (To Sensitive IC) | | [ ] --- Load / \ HSMBJSAC22 (TVS Diode) [ ] --- | | +-------+------- GND ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SAC and the standard SMBJ series?
    • ⤷ How does the 'Low Capacitance' feature affect signal integrity?
    • ⤷ Can this diode be used for AC power line protection?