Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HSMBJSAC50

  • AI
    The **HSMBJSAC50** is a specific part number belonging to a series of High-Reliability Transient Voltage Suppressor (TVS) diodes. These components are designed to protect sensitive electronic circuits against voltage spikes, such as those caused by Electrostatic Discharge (ESD) or Lightning. --- ### 1. Key Technical Specifications The "SAC" series is unique because it is a **low-capacitance** TVS diode, making it suitable for high-speed data lines where signal integrity is critical. | Parameter | Value (Typical) | | :--- | :--- | | **Peak Pulse Power** | 500 Watts (at 10/1000 µs waveform) | | **Working Peak Reverse Voltage ($V_{RWM}$)** | 5.0 Volts | | **Maximum Clamping Voltage ($V_C$)** | 10.0 Volts | | **Package Type** | DO-214AA (SMBJ) | | **Polarity** | Unidirectional | | **Capacitance** | Low (Optimized for data integrity) | --- ### 2. Functional Description The HSMBJSAC50 acts like a "safety valve" for your circuit. Under normal operating conditions (below 5V), it remains in a high-impedance state and does not interfere with the signal. When a voltage spike occurs: 1. **Avalanche Breakdown:** The device enters a low-resistance state. 2. **Clamping:** It clamps the voltage to a maximum of 10V, diverting the excess current to the ground. 3. **Recovery:** Once the surge passes, it automatically returns to its non-conductive state. --- ### 3. Applications and Use Cases Because of its low capacitance and high-speed response time, this part is commonly used in: * **Data Communication Lines:** RS-232, RS-422, and RS-485 interfaces. * **Aerospace & Defense:** The "H" prefix often denotes "High Reliability" or "Hermetic" testing standards, often used in MIL-STD-compliant hardware. * **Industrial Controls:** Protecting PLCs and sensors from inductive switching noise. * **Computing:** Protecting I/O ports and power rails. --- ### 4. Comparison: Standard TVS vs. SAC Series | Feature | Standard SMBJ5.0 | HSMBJSAC50 | | :--- | :--- | :--- | | **Capacitance** | High (nF range) | Low (pF range) | | **Signal Distortion** | High (blurs high-speed signals) | Low (preserves signal shape) | | **Primary Use** | Power Supply Protection | Data Line Protection |
    ✨ Follow-up Questions
    • ⤷ What is the difference between unidirectional and bidirectional TVS diodes?
    • ⤷ How does 'low capacitance' affect high-speed data transmission?
    • ⤷ What are the specific MIL-STD testing requirements for 'H' prefix parts?