HSMBJSAC80
AI

The **HSMBJSAC80** (also known as the **SAC80**) is a high-performance **Transient Voltage Suppressor (TVS) Diode**. These components are critical in electronic circuits for protecting sensitive semiconductors from voltage spikes caused by electrostatic discharge (ESD), inductive load switching, or induced lightning.
---
## 1. Core Technical Specifications
The SAC series is unique because it is a **Low-Capacitance** TVS diode, making it suitable for data lines where signal integrity is a priority.
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | HSMBJSAC80 (or SAC80) |
| **Stand-off Voltage ($V_{wm}$)** | 80.0 Volts |
| **Minimum Breakdown Voltage ($V_{br}$)** | 88.8 Volts |
| **Maximum Clamping Voltage ($V_c$)** | 129 Volts |
| **Peak Pulse Power ($P_{pp}$)** | 500 Watts (at 10/1000μs waveform) |
| **Package Type** | DO-214AA (SMB) |
| **Polarity** | Unidirectional |
---
## 2. Key Features
### Low Capacitance
Unlike standard TVS diodes that have high internal capacitance, the "SAC" series is designed with a low capacitance profile (typically < 50pF). This prevents the diode from distorting high-speed signals or acting like a low-pass filter.
### Fast Response Time
These components react almost instantaneously to over-voltage events, typically in **less than 1.0 picosecond** (from 0 Volts to $V_{br}$ min).
### SMB Surface Mount Packaging
The "BJS" in the part number often refers to the **SMB (DO-214AA)** package. This is a standard surface-mount footprint that provides a balance between small size and heat dissipation capabilities.
---
## 3. Circuit Application Example
In a typical circuit, the HSMBJSAC80 is placed in parallel with the load. Under normal operating conditions, it remains invisible (High Impedance). When a spike exceeds 80V, it "clamps" the voltage.
```mermaid
[Input Voltage Source] ----+---- [Sensitive Load]
|
[TVS DIODE (SAC80)]
|
[GND]
```
---
## 4. Common Use Cases
1. **Industrial Controls:** Protecting 48V-72V DC control lines from inductive "kickback."
2. **Telecommunications:** Shielding data ports that might be exposed to transient surges.
3. **Power Supplies:** Providing a secondary layer of protection on high-voltage DC rails.
- ⤷
How does the low capacitance of the SAC80 benefit high-speed data transmission?
- ⤷ What is the difference between a unidirectional and bidirectional TVS diode in this series?
- ⤷ Can this diode be used for continuous voltage regulation like a Zener diode?