HSMM-A401-R7YM2
AI

### Overview of HSMM-A401-R7YM2
The **HSMM-A401-R7YM2** is a high-performance Surface Mount (SMD) Light Emitting Diode (LED) manufactured by Broadcom (formerly Avago Technologies). It belongs to the **Power PLCC-4** family, specifically designed for high reliability and high-intensity output in demanding environments.
---
### Technical Specifications
Below are the primary electronic and optical characteristics for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Color** | InGaN Green |
| **Dominant Wavelength** | 525 nm (Typical) |
| **Luminous Intensity** | 560 mcd to 1400 mcd |
| **Forward Voltage ($V_F$)** | 3.2V (Typical) / 3.9V (Max) |
| **Forward Current ($I_F$)** | 30 mA |
| **Viewing Angle** | 120° |
| **Package Type** | PLCC-4 (Plastic Leaded Chip Carrier) |
| **Operating Temperature** | -40°C to +100°C |
---
### Key Features
1. **Material Technology:** Utilizes **InGaN** (Indium Gallium Nitride) technology, which allows for high luminous efficiency and superior brightness in the green spectrum.
2. **Package Design:** The PLCC-4 package features a built-in reflector that increases light output intensity. It has four leads, providing better thermal dissipation compared to standard PLCC-2 packages.
3. **Durability:** The device is silicone-encapsulated, making it highly resistant to UV degradation and thermal stress, ensuring a long operational life.
4. **Compatibility:** Fully compatible with automated surface mount assembly (Pick-and-Place) and IR/convection reflow soldering processes.
---
### Pin Configuration (PLCC-4)
Unlike standard 2-pin LEDs, the PLCC-4 package allows for better heat management. The internal connections for the HSMM-A401-R7YM2 are typically arranged as follows:
```text
Pin 1: Cathode
Pin 2: Anode
Pin 3: Cathode
Pin 4: Cathode
```
*Note: Multiple cathode pins are often used to sink heat away from the LED die into the PCB copper traces.*
---
### Common Applications
* **Automotive:** Interior lighting (dashboard, console, switches) and exterior signal lighting.
* **Industrial:** Status indicators, control panels, and backlighting for displays.
* **Signs/Signals:** Variable message signs and decorative architectural lighting.
* **Consumer Electronics:** Backlighting for liquid crystal displays (LCDs).
- ⤷
What is the thermal resistance rating for the HSMM-A401-R7YM2?
- ⤷ How does the InGaN technology compare to AlInGaP in terms of voltage requirements?
- ⤷ Are there specific soldering profiles recommended for this PLCC-4 package?