HSP-1-R/C
AI

The **HSP-1-R/C** (commonly associated with the **HSP 1/10 Scale RC Series**) refers to a platform of remote-controlled vehicles that utilize specific electronic components to manage power, steering, and signal processing.
Below is a breakdown of the primary electronic parts found in these models.
---
### 1. Main Electronic Components
The performance of an HSP RC car is dictated by these four core modules:
| Component | Function | Common Specifications |
| :--- | :--- | :--- |
| **Electronic Speed Controller (ESC)** | Regulates the motor's speed and direction based on throttle input. | 45A - 60A (Brushed or Brushless) |
| **Electric Motor** | Converts electrical energy into mechanical rotation. | 540 Brushed or 3300KV Brushless |
| **Receiver (RX)** | Captures signals from the remote and distributes commands. | 2.4GHz 3-Channel |
| **Steering Servo** | An actuator that turns the front wheels. | 3kg - 6kg High Torque |
---
### 2. The Power System (ESC & Motor)
Depending on the specific version of the HSP-1-R/C (Brushed vs. Brushless), the electronics vary significantly:
* **Brushed Setup:** Uses a simple ESC and a motor with internal carbon brushes. It is cost-effective but less efficient.
* **Brushless Setup:** Uses a 3-wire system. The ESC is more complex, utilizing MOSFETs to pulse power to the motor coils, resulting in higher speeds and longer life.
### 3. Radio System (Transmitter & Receiver)
Modern HSP models utilize the **2.4GHz frequency band**. This is critical for RC electronics because:
* **Frequency Hopping:** It prevents interference from other RC drivers.
* **Failsafe:** Most HSP receivers include a "Failsafe" function that stops the car if the signal is lost.
### 4. Battery and Connector Types
The electronics are powered by one of two battery chemistries:
```markdown
* Ni-MH (Nickel-Metal Hydride): 7.2V - Standard, safer, slower charging.
* Li-Po (Lithium Polymer): 7.4V (2S) - High performance, constant voltage, requires specific chargers.
```
---
### Summary of Wiring Architecture
1. **Battery** connects to the **ESC**.
2. **ESC** provides regulated power (BEC - Battery Eliminator Circuit) to the **Receiver**.
3. **Receiver** sends PWM (Pulse Width Modulation) signals to the **Servo** (Channel 1) and **ESC** (Channel 2).
4. **ESC** sends high-current power to the **Motor**.
- ⤷
What is the difference between a brushed and brushless motor in an HSP model?
- ⤷ How do I bind a 2.4GHz transmitter to an HSP receiver?
- ⤷ Can I upgrade my HSP-1-R/C to use Li-Po batteries if it came with Ni-MH?