HT-10V221MF80Q-R2
AI

## Technical Specifications for HT-10V221MF80Q-R2
The part number **HT-10V221MF80Q-R2** refers to a high-temperature, surface-mount (SMD) **Aluminum Electrolytic Capacitor**. These components are essential for energy storage, filtering, and smoothing in electronic circuits.
### 1. Breakdown of the Part Number
The alphanumeric code typically describes the physical and electrical characteristics:
| Code Segment | Description | Specific Value |
| :--- | :--- | :--- |
| **HT** | Series Code | High Temperature / High Reliability |
| **10V** | Voltage Rating | 10 Volts DC (Maximum Working Voltage) |
| **221** | Capacitance | 220 µF (22 x 10^1) |
| **M** | Tolerance | ±20% |
| **F80** | Case Size | Often corresponds to 6.3mm x 7.7mm or 8mm diameter |
| **Q-R2** | Packaging/Special | Tape & Reel packaging / RoHS Compliant |
---
### 2. Key Technical Features
* **Type:** Hybrid or standard Aluminum Electrolytic (SMD Type).
* **Capacitance:** 220 Microfarads (µF).
* **Voltage:** 10V (Best suited for 3.3V or 5V rail filtering).
* **Operating Temperature:** Usually rated up to **105°C** or **125°C** (indicated by the "HT" series prefix).
* **Polarity:** Polarized component (must be installed with the correct positive/negative orientation).
---
### 3. Applications and Use Cases
These capacitors are commonly found in compact electronic assemblies where vertical space is limited but high capacitance is required.
* **Power Management:** Used in DC-DC converters to smooth output ripples.
* **Decoupling:** Placed near integrated circuits (ICs) to suppress high-frequency noise.
* **Consumer Electronics:** Found in motherboards, laptops, and peripheral devices.
* **Automotive/Industrial:** Used in control modules due to the high-temperature (HT) rating which ensures longevity under heat.
---
### 4. Schematic Representation
In a circuit diagram, this component is represented as a polarized capacitor:
```text
+ ||
------- ||-------
- || (Cathode marked with a stripe on the physical part)
```
- ⤷What are the equivalent alternative part numbers for this capacitor?
- ⤷ How does the ESR value of this HT series impact its performance in high-frequency switching?
- ⤷ What is the specific footprint dimensions for the F80 case size?