HT-10V471MH10X-R2
AI

The part number **HT-10V471MH10X-R2** refers to a high-temperature, radial leaded aluminum electrolytic capacitor. This component is designed for power filtering and decoupling in electronic circuits.
---
### 1. Specification Breakdown
The part number follows a specific nomenclature used by manufacturers (typically associated with brands like **Lelon** or **CapXon**). Here is the technical breakdown:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Series** | HT | High Temperature / Low Impedance series |
| **Voltage** | 10V | Rated working voltage (DC) |
| **Capacitance** | 471 (470µF) | "47" followed by "1" zero |
| **Tolerance** | M | ±20% |
| **Case Size** | H10X | 8mm (Diameter) x 11.5mm (Length) |
| **Packaging** | R2 | Tape and Box (Ammo Pack) |
---
### 2. Technical Characteristics
As an "HT" series component, it possesses specific electrical qualities suitable for demanding environments:
* **Electrolyte Type:** Liquid aluminum electrolyte.
* **Operating Temperature:** Typically rated up to **105°C** (Standard for HT series).
* **Polarity:** Polarized (must be installed correctly to avoid failure/explosion).
* **ESR (Equivalent Series Resistance):** Designed to be low to handle ripple currents efficiently.
* **Lifetime:** Usually rated between 2,000 to 5,000 hours at its maximum rated temperature.
---
### 3. Applications and Usage
This specific capacitor is commonly found in:
* **Power Supplies:** Filtering the output of DC-DC converters.
* **Motherboards/VGA Cards:** Decoupling high-frequency noise.
* **Consumer Electronics:** Chargers, LED drivers, and audio equipment.
* **Automotive:** Non-safety critical interior electronics.
---
### 4. Comparison with Alternatives
If you are looking for a replacement, ensure the following parameters match or exceed the original:
```markdown
Replacement Criteria:
1. Voltage: Must be 10V or higher (e.g., 16V is fine).
2. Capacitance: Must be 470µF.
3. Physical Size: Ensure the 8x11.5mm dimensions fit your PCB.
4. Lead Spacing: Check if the 3.5mm or 5.0mm pitch matches your board.
```
- ⤷
What is the ripple current rating for this specific capacitor?
- ⤷ Can I use a 16V 470uF capacitor as a replacement for this 10V model?
- ⤷ How do I identify the negative terminal on this radial capacitor?