HT-16V271MG10E-R2
AI

The **HT-16V271MG10E-R2** is a specific part number typically associated with an **Aluminum Electrolytic Capacitor**. Based on the standard nomenclature for electronic components, here is a detailed breakdown of its specifications and characteristics.
---
### 1. Specification Breakdown
The part number can be decoded to understand its electrical properties:
| Component Feature | Description |
| :--- | :--- |
| **Type** | Aluminum Electrolytic Capacitor |
| **Capacitance** | 270 µF (Microfarads) |
| **Voltage Rating** | 16V (DC) |
| **Mounting Style** | Surface Mount (SMD / V-Chip) |
| **Temperature Range** | Usually -55°C to +105°C |
| **Tolerance** | ±20% (Standard for electrolytic caps) |
| **Case Size** | Often 8x10mm or 10x10mm (depending on series) |
---
### 2. Key Characteristics
These capacitors are designed for general-purpose filtering and power management.
* **Polarity:** These are polarized components. The negative terminal is usually marked with a black stripe on the top of the aluminum can.
* **Low ESR (Equivalent Series Resistance):** Many versions in this series are designed for low impedance, making them suitable for high-frequency switching power supplies.
* **Reflow Solderable:** Being a "V-Chip" (Vertical Chip) SMD component, it is designed for automated pick-and-place assembly and infrared reflow soldering.
---
### 3. Applications
The HT-16V271MG10E-R2 is commonly found in the following circuits:
1. **Power Supply Filtering:** Smoothing ripples in DC-DC converters.
2. **Decoupling:** Providing a local energy reservoir for integrated circuits (ICs) to prevent voltage drops.
3. **Consumer Electronics:** Used in motherboards, chargers, and LED drivers where space is limited but high capacitance is required.
---
### 4. Technical Precautions
* **Voltage Derating:** It is best practice to run the capacitor at 80% or less of its rated voltage (e.g., use this 16V cap in a 12V or 5V circuit).
* **Orientation:** Incorrect polarity installation will lead to component failure or explosion.
* **Shelf Life:** Electrolytic capacitors can dry out over many years; ensure the manufacturing date code is relatively recent for critical applications.
- ⤷
What are the physical dimensions (footprint) for the MG10 case size?
- ⤷ Are there equivalent alternatives from brands like Nichicon or Panasonic?
- ⤷ How does the ripple current rating affect this capacitor's lifespan?