HT-16V471MH10EX-R2
AI

The part number **HT-16V471MH10EX-R2** refers to an Aluminum Electrolytic Capacitor. This specific nomenclature is typical for manufacturers like **Lelon** or similar high-quality passive component producers.
Below is the technical breakdown of the part number and its electronic specifications.
---
## 1. Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Capacitance** | 470 µF | The amount of charge the capacitor can store. |
| **Voltage Rating** | 16 V | Maximum DC voltage the part can handle continuously. |
| **Type** | Electrolytic | Polarized capacitor using an electrolyte. |
| **Mounting Type** | SMD (V-Chip) | Surface Mount Device, designed for PCB mounting. |
| **Case Size** | 8 x 10 mm (approx) | Physical dimensions (Diameter x Height). |
| **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic caps. |
| **Temperature** | -55°C to +105°C | Operating temperature range. |
---
## 2. Part Number Deciphering
Breaking down the string **HT-16V471MH10EX-R2**:
* **HT**: Series code. Usually denotes "High Temperature" or "Low Impedance" characteristics.
* **16V**: The Rated Working Voltage (16 Volts).
* **471**: Capacitance code. The first two digits (47) are the value, and the third (1) is the multiplier ($10^1$). Result: $47 \times 10 = 470 \mu F$.
* **M**: Tolerance code (M = ±20%).
* **H10**: Physical size code (often H = 8mm diameter, 10 = 10mm height).
* **EX**: Internal manufacturing/packaging code (RoHS compliance or specific electrolyte).
* **R2**: Taping/Reel code, indicating it is supplied on a 13" or 15" reel for automated pick-and-place.
---
## 3. Key Electronic Characteristics
### ESR and Ripple Current
This series is typically designed for **Low ESR (Equivalent Series Resistance)**. This makes it suitable for filtering high-frequency noise in power supplies without overheating.
### Polarity
As an Aluminum Electrolytic capacitor, this component is **polarized**.
* **Identification:** One side of the top surface will have a dark colored (usually black) bar marking the **negative (-)** terminal.
* **Risk:** Reversing the polarity or exceeding the 16V rating can lead to component failure or venting (explosion).
### Common Applications
* **DC-DC Converters:** Filtering output voltage.
* **Motherboards/Graphics Cards:** Providing local energy storage for high-speed ICs.
* **Consumer Electronics:** General purpose decoupling in 5V or 12V rails.
---
- ⤷
What are the equivalent alternative part numbers from brands like Nichicon or Panasonic?
- ⤷ How does the ripple current rating affect the lifespan of this capacitor?
- ⤷ Can I use a 25V version of this capacitor as a replacement for the 16V version?