HT-25V101MF80E-R2
AI

The part number **HT-25V101MF80E-R2** refers to a Surface Mount (SMD) Aluminum Electrolytic Capacitor, typically manufactured by brands like **ChengX** or similar passive component specialists. These components are designed for high-density PCB mounting and general-purpose power filtering.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **HT** | Series Code | High Temperature / Standard SMD Series |
| **25V** | Voltage Rating | 25 Volts (DC) |
| **101** | Capacitance Code | 100 µF (10 followed by 1 zero) |
| **M** | Tolerance | ±20% |
| **F80** | Case Size | 6.3mm (Diameter) x 7.7mm or 8mm (Height) |
| **E-R2** | Packaging/Suffix | Tape & Reel packaging |
---
### 2. Technical Specifications
Below are the typical operating parameters for this specific electronic part:
* **Capacitance:** 100 microfarads (µF)
* **Rated Voltage:** 25V DC (Maximum surge voltage is usually 32V)
* **Operating Temperature:** -40°C to +105°C (Standard for automotive/industrial grade)
* **Lifetime:** 2,000 hours at 105°C (Load life)
* **Mounting Type:** Surface Mount Device (SMD/V-Chip)
* **Polarity:** Polarized (Has a negative mark on the top of the cylinder)
---
### 3. Physical Dimensions (F80 Size)
The case size "F80" corresponds to the physical footprint on the PCB:
| Dimension | Measurement (Approx.) |
| :--- | :--- |
| **Diameter (D)** | 6.3 mm |
| **Height (L)** | 7.7 mm to 8.0 mm |
| **Pitch (P)** | 2.2 mm |
---
### 4. Common Applications
This capacitor is generally used in circuits where space is limited and reliable power regulation is required:
1. **Power Supplies:** Filtering ripple current in DC-DC converters.
2. **Consumer Electronics:** Used in LED drivers, routers, and television mainboards.
3. **Industrial Boards:** Local decoupling for integrated circuits (ICs) operating at 12V or 18V rails.
4. **Telecommunications:** Signal smoothing in networking equipment.
---
### 5. Implementation Considerations
* **Polarity:** Ensure the "minus" stripe on the top of the capacitor matches the PCB silkscreen. Reversing polarity can cause the component to fail or explode.
* **Reflow Soldering:** As an SMD component, it is designed for lead-free reflow soldering profiles.
* **Voltage Derating:** For long-term reliability, it is recommended to run the capacitor at 80% or less of its rated voltage (e.g., using a 25V capacitor for a 12V or 15V line).
- ⤷
What are the equivalent alternative part numbers from brands like Nichicon or Panasonic?
- ⤷ How does the ESR (Equivalent Series Resistance) of this HT series affect high-frequency performance?
- ⤷ Can this capacitor be used in automotive applications requiring AEC-Q200 qualification?