HT-25V331MH10XN-R2
AI

The **HT-25V331MH10XN-R2** is a specific part number for a surface-mount (SMD) aluminum electrolytic capacitor. This component is typically manufactured by brands like **Lelon** or similar high-reliability electronic component manufacturers.
---
### Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor (V-Chip) |
| **Capacitance** | 330 µF (Microfarads) |
| **Rated Voltage** | 25V DC |
| **Tolerance** | ±20% (Standard) |
| **Temperature Range** | -55°C to +105°C |
| **Case Dimensions** | 10.0mm (Diameter) x 10.2mm (Height) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Life Span** | Typically 2,000 to 5,000 hours at 105°C |
---
### Part Number Breakdown
While manufacturer codes vary slightly, the breakdown for this specific string is generally as follows:
1. **HT**: Series Code. Usually represents a **High Temperature** or **Low Impedance** series.
2. **25V**: The Maximum Working Voltage (25 Volts).
3. **331**: Capacitance Value in pF (Picofarads). The first two digits are significant figures, the third is the multiplier.
* `33` + `1 zero` = `330` µF.
4. **M**: Tolerance code (M = ±20%).
5. **H10XN**: Case Size code.
* `H` often refers to a 10mm diameter.
* `10` refers to the height (approx. 10.2mm).
6. **R2**: Packaging Code (usually refers to Tape & Reel for automated assembly).
---
### Key Applications
Due to its 25V rating and 330µF capacity, this part is commonly found in:
* **DC-DC Converters:** Filtering input/output noise.
* **Power Supplies:** Smoothing rectified voltage in consumer electronics.
* **Automotive Electronics:** Used in infotainment or dashboard systems where SMD parts are required for vibration resistance.
* **Telecommunications:** General-purpose decoupling.
---
### Usage Considerations
* **Polarity:** As an electrolytic capacitor, it is **polarized**. The negative terminal is usually marked with a black stripe on the top of the metal can.
* **Reflow Soldering:** As an "SMD" type, it is designed to withstand infrared or convection reflow soldering temperatures, unlike leaded (through-hole) versions.
- ⤷
What is the equivalent series resistance (ESR) for this specific HT series capacitor?
- ⤷ Can I substitute a 35V 330uF capacitor for this 25V model?
- ⤷ How do I interpret the date codes printed on the top of these SMD capacitors?