HT-25V560MF61Q-R2
AI

The part number **HT-25V560MF61Q-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**. These components are typically used in power management and filtering circuits where reliability and specific physical dimensions are required.
### 1. Part Number Breakdown
Based on standard industry naming conventions for electrolytic capacitors, here is a breakdown of the technical specifications:
| Segment | Specification | Meaning |
| :--- | :--- | :--- |
| **HT** | Series | Often indicates High Temperature or Low ESR series (brand specific). |
| **25V** | Voltage Rating | Maximum working voltage of 25 Volts DC. |
| **560** | Capacitance | 560 Microfarads (µF). |
| **M** | Tolerance | ±20% (Industry standard for electrolytic caps). |
| **F61** | Case Size | Refers to physical dimensions (Diameter x Height). |
| **Q-R2** | Packaging/Finish | Usually indicates RoHS compliance and Tape & Reel packaging. |
---
### 2. Technical Specifications
These parts are designed for surface-mount technology (SMT/SMD). Below are the typical characteristics for this class of component:
* **Capacitance:** 560 µF
* **Voltage:** 25V DC
* **Mounting Type:** SMD (Surface Mount Device) - "V-chip" style.
* **Operating Temperature:** Typically -55°C to +105°C.
* **Lifetime:** Often rated for 2,000 to 5,000 hours at maximum temperature.
* **Polarity:** Polarized (must be installed in the correct orientation).
---
### 3. Common Applications
This specific capacitor is commonly found in the following electronic environments:
1. **DC-DC Converters:** Used for smoothing output ripples.
2. **Motherboards/Peripherals:** Provides local decoupling for integrated circuits.
3. **LED Drivers:** Filters the power supply to ensure flicker-free lighting.
4. **Automotive Electronics:** Used in infotainment or control modules (if AEC-Q200 qualified).
---
### 4. Comparison with Alternatives
If you are looking for a replacement or equivalent, consider the following parameters:
| Feature | Standard Electrolytic | HT Series (Polymer/Low ESR) |
| :--- | :--- | :--- |
| **ESR** | High | Low |
| **Ripple Current** | Moderate | High |
| **Stability** | Decreases with age | High Stability |
| **Size** | Larger | Compact |
---
- ⤷
What are the exact physical dimensions (mm) for the F61 case code?
- ⤷ Is this part AEC-Q200 qualified for automotive use?
- ⤷ What is the Ripple Current rating for this specific 560uF capacitor?