HT-25V561MHC5XN-R2
AI

The part number **HT-25V561MHC5XN-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**. These components are essential for energy storage, filtering, and smoothing power in electronic circuits.
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details regarding the component's performance characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 560 µF (Microfarads) | Indicated by "561" (56 x 10^1) |
| **Voltage Rating** | 25V | The maximum DC voltage the part can handle |
| **Tolerance** | ±20% | Indicated by "M" (Standard for electrolytics) |
| **Mounting Type** | SMD (Surface Mount) | V-Chip construction for PCB mounting |
| **Temperature Range** | -55°C to +105°C | Designed for standard and industrial use |
| **Packaging** | Tape & Reel | Indicated by "R2" for automated assembly |
---
### 2. Key Features
* **Low ESR:** Designed for low Equivalent Series Resistance, which reduces heat generation and improves efficiency in high-frequency applications.
* **Long Life:** Usually rated for 2,000 to 5,000 hours at its maximum temperature (105°C).
* **Reflow Soldering Compatible:** Built to withstand the high temperatures of SMD reflow ovens.
---
### 3. Common Applications
These capacitors are typically found in power management stages of various devices:
1. **DC-DC Converters:** Used to smooth output voltage ripples.
2. **Consumer Electronics:** Found in LED drivers, routers, and flat-screen televisions.
3. **Automotive Electronics:** Used in infotainment systems or non-safety critical sensor modules.
4. **Telecommunications:** Filtering power lines in base stations or switching equipment.
---
### 4. Circuit Symbol and Polarity
Like most electrolytic capacitors, this part is **polarized**.
* **Positive (+) Terminal:** Usually unmarked on the PCB footprint but requires correct orientation.
* **Negative (-) Terminal:** Indicated by a black or colored stripe on the top of the cylindrical "can."
```text
Polarized Capacitor Symbol
+ | | -
--| |--
| |
```
- ⤷
What are the physical dimensions (case size) for this specific part?
- ⤷ How does ESR affect the lifespan of this capacitor in a high-load circuit?
- ⤷ What are the equivalent alternative parts from brands like Nichicon or Panasonic?