HT-35V151MG10N-R2
AI

The part number **HT-35V151MG10N-R2** corresponds to an **Aluminum Electrolytic Capacitor**, typically designed for surface mount (SMD) applications. These components are essential for energy storage, filtering, and decoupling in electronic circuits.
---
### 1. Technical Specifications
Based on the standard nomenclature for electrolytic capacitors, here is the breakdown of the specifications:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 150 µF | The ability to store electrical charge. |
| **Voltage Rating** | 35V | The maximum DC voltage the capacitor can handle. |
| **Type** | Aluminum Electrolytic | Uses an electrolyte liquid/gel to achieve high capacitance. |
| **Mounting Type** | SMD (V-Chip) | Designed for Surface Mount Technology (SMT) on PCBs. |
| **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic capacitors. |
| **Case Size** | G10 (10x10.2mm approx) | Standardized dimensions for the metal "can." |
---
### 2. Part Number Breakdown
Manufacturers often use a coded system to identify parts. Here is a typical interpretation of this specific string:
* **HT**: Series prefix (Often denotes High Temperature or a specific manufacturer series).
* **35V**: Rated Voltage (35 Volts).
* **151**: Capacitance Code. The first two digits (15) are the value, and the third (1) is the multiplier ($15 \times 10^1 = 150 \mu F$).
* **M**: Tolerance code ($M = \pm 20\%$).
* **G10**: Case size code (Diameter and Length).
* **N-R2**: Packaging/Revision suffix (e.g., Tape & Reel).
---
### 3. Key Features & Applications
#### Features
* **Polarized:** This component has a positive and negative terminal. Installing it backward can cause failure or explosion.
* **High Temperature Stability:** Most "HT" series are rated for **105°C**, making them suitable for industrial environments.
* **Low Profile:** The SMD "V-Chip" design allows for automated assembly and space-saving on the board.
#### Typical Applications
1. **Power Supply Filtering:** Smoothing out ripples in DC-DC converters.
2. **Decoupling:** Providing a local energy reservoir for integrated circuits (ICs).
3. **Bypassing:** Diverting unwanted AC signals to the ground.
4. **Consumer Electronics:** Used in LED drivers, motherboard power phases, and telecommunications gear.
---
### 4. Precautions for Use
```markdown
1. Polarity: Ensure the cathode (indicated by a black/dark stripe on the top) aligns with the PCB markings.
2. Reflow Soldering: Follow the manufacturer's thermal profile to avoid drying out the electrolyte during assembly.
3. Voltage Derating: It is best practice to run the capacitor at 80% or less of its rated voltage (28V for a 35V part) for longevity.
```
- ⤷
What is the ripple current rating for this specific capacitor?
- ⤷ Can I replace a 35V capacitor with a 50V version in my circuit?
- ⤷ How does the 'G10' case size affect the PCB footprint design?