AI

The part number **HT-35V151MG10Q-R2** refers to a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. These components are primarily used for energy storage, filtering, and decoupling in electronic circuits.
Below is the detailed breakdown of its specifications and characteristics.
---
### 1. Part Number Breakdown
Based on standard industry naming conventions for electrolytic capacitors, here is the technical decoding:
| Component | Identifier | Description |
| :--- | :--- | :--- |
| **Series** | HT | Often denotes High Temperature or Low Impedance series. |
| **Voltage** | 35V | Rated Voltage (Maximum DC voltage it can handle). |
| **Capacitance** | 151 | 150µF (15 followed by one zero). |
| **Tolerance** | M | ±20% capacitance tolerance. |
| **Case Size** | G10 | Refers to the physical dimensions (e.g., 8mm x 10mm or 10mm x 10mm). |
| **Packaging** | R2 | Usually indicates Tape & Reel packaging for automated assembly. |
---
### 2. Technical Specifications
Electrolytic capacitors like the HT-35V151MG10Q-R2 have specific electrical behaviors:
* **Capacitance:** 150 Microfarads (µF). This is a mid-range value suitable for smoothing power rails.
* **Voltage Rating:** 35 Volts. It is recommended to run this at or below 28V (80% derating) for long-term reliability.
* **Mounting Type:** SMD (Surface Mount Device) / V-Chip. It has a flat base for soldering directly onto the PCB surface.
* **Polarity:** Polarized. It has a marked negative terminal (usually a black or colored stripe on the top of the can).
---
### 3. Key Applications
This specific capacitor is commonly found in the following environments:
1. **DC-DC Converters:** Used on the input or output stage to filter out voltage ripples.
2. **Power Supplies:** Acts as a buffer to stabilize the voltage provided to microprocessors or sensors.
3. **Consumer Electronics:** Found in LED drivers, chargers, and audio equipment.
4. **Industrial Controls:** Due to the "HT" (High Temperature) designation, it is often rated for **105°C**, making it suitable for industrial hardware that generates heat.
---
### 4. Comparison: Electrolytic vs. Ceramic
| Feature | HT-35V151 (Electrolytic) | Standard Ceramic (MLCC) |
| :--- | :--- | :--- |
| **Capacitance** | High (150µF) | Usually Low (0.1µF - 10µF) |
| **Polarity** | Polarized (Must be installed correctly) | Non-polarized |
| **Size** | Larger (Cylindrical Can) | Small (Rectangular Chip) |
| **ESR** | Higher | Very Low |
---
### 5. Installation Note
When soldering the **HT-35V151MG10Q-R2**, ensure the **polarity** matches the PCB markings. Reversing the polarity on an aluminum electrolytic capacitor can lead to component failure, leaking of electrolyte, or even a small explosion (venting).
- ⤷What is the ripple current rating for this specific capacitor?
- ⤷ What are the physical dimensions of the G10 case size?
- ⤷ Can this capacitor be replaced with a solid polymer version?