HT-35V561MIE-R5
AI

The **HT-35V561MIE-R5** is a specific part number for an aluminum electrolytic capacitor, typically manufactured by companies like **Lelon** or similar electronic component brands. This component is designed for Surface Mount Device (SMD) applications.
---
### 1. Technical Specifications Breakdown
The part number encodes specific electrical and physical characteristics. Here is the breakdown:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | HT | High-temperature, low impedance series. |
| **Voltage Rating** | 35V | Maximum operating DC voltage. |
| **Capacitance** | 560 µF | 561 corresponds to $56 \times 10^1$ pF in some codes, but in electrolytic series, it represents **560 microfarads**. |
| **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic caps. |
| **Case Size (E)** | $\phi$10 x 10.2 mm | Typically indicates a specific diameter and height (varies by vendor). |
| **Packaging** | R5 | Reel packaging (Tape & Reel) for automated assembly. |
---
### 2. Key Features
* **SMD Type:** Designed for automated pick-and-place soldering (Reflow soldering).
* **Low ESR:** "Low Equivalent Series Resistance," which means it generates less heat and can handle higher ripple currents.
* **Temperature Range:** Usually rated for **-55°C to +105°C**, making it suitable for industrial environments.
* **Longevity:** Designed for a specific "Load Life" (e.g., 2,000 to 5,000 hours at 105°C).
---
### 3. Common Applications
These capacitors are widely used in power management and filtering roles:
1. **DC-DC Converters:** Smoothing output voltage ripples.
2. **Motherboards & Servers:** Local decoupling for high-frequency circuits.
3. **Automotive Electronics:** Infotainment systems and lighting controls.
4. **LED Drivers:** Filtering the power supply to prevent flickering.
---
### 4. Comparison Table: Standard vs. HT Series
| Feature | Standard Electrolytic | HT-Series (e.g., HT-35V561) |
| :--- | :--- | :--- |
| **Mounting** | Through-hole | Surface Mount (SMD) |
| **Impedance** | High | Low |
| **Heat Resistance** | Moderate (85°C) | High (105°C+) |
| **Size** | Bulky | Compact / Vertical Chip |
- ⤷What is the ripple current rating for the HT-35V561MIE-R5?
- ⤷ Are there specific reflow soldering profiles required for this SMD capacitor?
- ⤷ What are the pin-compatible alternatives from other brands like Panasonic or Nichicon?