HT-35V680MF80N-R2
AI

The **HT-35V680MF80N-R2** is a specific part number for a surface-mount (SMD) aluminum electrolytic capacitor. This component is typically designed for high-temperature stability and low impedance applications.
---
### 1. Part Number Breakdown
While naming conventions can vary slightly by manufacturer (often associated with brands like Huatong or similar high-reliability electronic component producers), the code typically follows this logic:
| Segment | Interpretation | Description |
| :--- | :--- | :--- |
| **HT** | Series Type | Often indicates a High-Temperature or Low Impedance series. |
| **35V** | Rated Voltage | Maximum operating voltage is **35 Volts DC**. |
| **680** | Capacitance | 680 microfarads (**680µF**). |
| **M** | Tolerance | Standard tolerance of **±20%**. |
| **F80** | Case Size | Often refers to dimensions (e.g., 10mm diameter x 10.2mm height). |
| **N-R2** | Packaging/RoHS | Indicates Tape & Reel packaging and RoHS compliance. |
---
### 2. Technical Specifications
Based on the standard parameters for this class of electrolytic capacitor:
* **Type:** Aluminum Electrolytic (Polarized).
* **Mounting Type:** SMD (Surface Mount Device) / V-Chip.
* **Capacitance:** 680 µF.
* **Voltage Rating:** 35V DC (Surge voltage usually 20% higher).
* **Operating Temperature:** Typically -55°C to +105°C.
* **Life Endurance:** Usually rated for 2,000 to 5,000 hours at maximum temperature.
---
### 3. Key Applications
Because of its high capacitance and mid-range voltage, this part is commonly found in:
1. **Power Supplies:** Used for filtering ripple current in DC-DC converters.
2. **Consumer Electronics:** Found in motherboards, LED drivers, and audio equipment.
3. **Automotive/Industrial:** Used in modules requiring stable power delivery under thermal stress.
4. **Decoupling:** Providing a local energy reservoir for integrated circuits to prevent voltage drops.
---
### 4. Comparison Table: Electrolytic vs. Ceramic (MLCC)
In the context of a 680µF value, here is why an electrolytic part like this is chosen:
| Feature | HT-35V680MF80N-R2 (Electrolytic) | Standard Ceramic (MLCC) |
| :--- | :--- | :--- |
| **Capacitance Density** | Very High (Easy to hit 680µF) | Low (Hard/Expensive to hit 680µF) |
| **Cost** | Low for high values | High for high values |
| **Polarity** | Polarized (Must observe +/-) | Non-polarized |
| **Stability** | Ages over time | Very stable |
- ⤷
What are the physical dimensions associated with the F80 case size code?
- ⤷ Can this capacitor be used in AC circuits?
- ⤷ What is the typical ESR (Equivalent Series Resistance) for this 680µF capacitor?