HT-63V560MH10E-R2
AI

The part number **HT-63V560MH10E-R2** refers to a high-reliability **Aluminum Electrolytic Capacitor**. These components are essential for energy storage, filtering, and smoothing in power electronic circuits.
### 1. Technical Specification Breakdown
The alphanumeric code provides specific details regarding its electrical and physical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 56 µF | The amount of charge the capacitor can store. |
| **Voltage Rating** | 63V | Maximum DC voltage the part can handle safely. |
| **Series** | HT | Often denotes High Temperature or High Ripple Current series. |
| **Case Size (DxL)** | 10mm x ... | The "H10" typically refers to a 10mm diameter. |
| **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic caps. |
| **Mounting Style** | Radial | Through-hole leads exiting from the bottom. |
---
### 2. Key Features
* **Low ESR:** Designed to have low Equivalent Series Resistance, which reduces heat generation during high-frequency operation.
* **Temperature Stability:** Usually rated for operation up to **105°C**, making it suitable for industrial environments.
* **Long Life:** Engineered for high endurance (often 2,000 to 5,000 hours at max temperature).
* **Polarized:** This is a polarized component; the negative terminal must be connected to the lower potential to avoid failure.
---
### 3. Common Applications
These capacitors are found in various electronic assemblies:
1. **Power Supplies:** Used in the output filtering stage to reduce voltage ripple.
2. **DC-DC Converters:** Acts as a reservoir to maintain stable voltage levels during switching.
3. **LED Drivers:** Provides decoupling and smoothing for consistent light output.
4. **Audio Equipment:** Used in power rails to ensure clean power delivery to amplifiers.
---
### 4. Circuit Symbol and Orientation
In a schematic, this part is represented by a polarized capacitor symbol. Physical orientation is critical:
* **Longer Lead:** Positive (+)
* **Shaded Stripe on Body:** Negative (-)
```text
(Positive) | | (Negative)
------> | | <------
| |
[Striped Side]
```
- ⤷What is the ripple current rating for this specific series?
- ⤷ Are there surface-mount (SMD) equivalents for the 63V 56uF specification?
- ⤷ How does the ESR change as this capacitor ages?