HTB-44I-R
AI

The **HTB-44I-R** is a specific electronic component, typically categorized as a **Panel Mount Fuse Holder**. It is part of the HTB series manufactured by **Eaton (formerly Bussmann)**. This part is designed to hold 5x20mm fuses and is widely used in industrial and consumer electronics for circuit protection.
---
### Technical Specifications
Below are the primary electronic and physical characteristics of the HTB-44I-R:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 20 Amps (UL), 16 Amps (VDE/SEMKO) |
| **Voltage Rating** | 250 Volts AC |
| **Fuse Size Accepted** | 5mm x 20mm |
| **Mounting Type** | Panel Mount (Nut retained) |
| **Terminal Type** | 3/16" Quick Connect / Solder Terminals |
| **Body Material** | High-temperature thermoplastic |
| **Knob Type** | Low Profile, In-line (Screwdriver slot) |
| **Operating Temp** | -30°C to +85°C |
---
### Component Breakdown
#### 1. The Body (Housing)
The body is constructed from a flame-retardant thermoplastic that provides high insulation resistance. It features a "Double D" hole mounting pattern to prevent the holder from rotating in the panel during installation or fuse replacement.
#### 2. Terminals (Electrical Interface)
The "44" in the part number indicates the terminal configuration:
* **Right-Angle Terminals:** The terminals exit at a 90-degree angle to the body, which is ideal for tight spaces where depth behind the panel is limited.
* **Material:** Usually tin-plated brass to ensure high conductivity and corrosion resistance.
#### 3. The Cap (Knob)
The "I" in the part number refers to the **In-line/International** style cap:
* This cap is designed to meet international safety standards (IEC).
* It requires a screwdriver to open (finger-proof), which prevents accidental contact with live parts.
#### 4. Rear Nut and Gasket
The unit is secured to the panel using a plastic hex nut. Most HTB series parts include a rubber washer/gasket to provide a degree of sealing against the panel surface.
---
### Safety and Compliance
The HTB-44I-R is engineered to meet global safety requirements, making it suitable for products sold in multiple regions:
* **UL Recognized:** Component File E14853.
* **CSA Certified:** Class 6225-01.
* **VDE Approved:** Ensuring compliance with European safety standards.
- ⤷
What are the differences between the HTB-44I-R and the HTB-44M-R?
- ⤷ Can this fuse holder be used for DC applications?
- ⤷ What is the recommended panel thickness for mounting this component?