AI

The part number **HTK-100V150MH10E-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**, specifically designed for surface mount (SMD) applications where high temperature and reliability are required.
### 1. Part Number Breakdown
Based on standard industry naming conventions for aluminum capacitors (often associated with manufacturers like Chemi-Con or similar), here is the breakdown:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Series** | HTK | High temperature, low impedance, long life series. |
| **Voltage** | 100V | Rated Working Voltage (100 Volts DC). |
| **Capacitance** | 150 | 150 microfarads (µF). |
| **Tolerance** | M | ±20% Capacitance Tolerance. |
| **Size/Case** | H10 | Case size code (typically 10mm diameter). |
| **Packaging** | E-R2 | Packaging format (Tape & Reel). |
---
### 2. Technical Specifications
This component is designed to operate in demanding environments, particularly in automotive or industrial power supplies.
* **Capacitance:** 150 µF
* **Voltage Rating:** 100V DC
* **Operating Temperature:** Typically -55°C to +125°C (High Temp Range).
* **Form Factor:** V-Chip (SMD - Surface Mount Device).
* **Endurance:** Often rated for 2,000 to 5,000 hours at its maximum rated temperature.
* **Impedance:** Low ESR (Equivalent Series Resistance) for efficient ripple current handling.
---
### 3. Key Applications
Because of its high voltage rating (100V) and temperature resilience, this part is commonly used in:
1. **Automotive Electronics:** Powering ECUs, LED lighting drivers, and DC/DC converters.
2. **Industrial Automation:** Power supplies for sensors and motor controllers.
3. **Telecommunications:** Base station power modules where heat dissipation is a concern.
4. **Filtering:** Used to smooth out voltage spikes in input/output stages of switching regulators.
---
### 4. Handling and Soldering
As an SMD aluminum electrolytic capacitor, it requires specific soldering profiles to avoid damage to the electrolyte.
```markdown
- Reflow Soldering: Recommended (Follow JEDEC J-STD-020).
- Hand Soldering: Possible, but avoid touching the case with the iron tip.
- Polarity: Polarized component; ensure the negative stripe aligns with the PCB marking.
```
---
- ⤷
What are the physical dimensions of the H10 case size code?
- ⤷ Can this capacitor be used in AC circuits?
- ⤷ What is the specific ripple current rating for the HTK series?