HTK-25V561MHC5BX-R2
AI

The **HTK-25V561MHC5BX-R2** is a high-performance **Conductive Polymer Hybrid Aluminum Electrolytic Capacitor**. This specific component is designed for applications requiring high reliability, low ESR, and stability across temperature fluctuations.
---
### 1. Technical Specifications
The following table breaks down the core electrical and physical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 560 µF |
| **Voltage (Rated)** | 25 V DC |
| **Tolerance** | ±20% (M) |
| **Technology** | Polymer Hybrid (Liquid + Solid Electrolyte) |
| **Operating Temperature** | -55°C to +125°C |
| **Endurance** | 4,000 hours @ 125°C |
| **ESR (Equivalent Series Resistance)** | Extremely Low (typically <20 mΩ) |
| **Package Type** | Surface Mount (SMD) - V-Chip |
| **Size Code** | HC5 (Typically 10mm x 10.5mm or similar) |
---
### 2. Key Features
* **Hybrid Technology:** It combines the low ESR benefits of conductive polymers with the high voltage rating and self-healing properties of traditional liquid aluminum electrolytic capacitors.
* **High Ripple Current:** Capable of handling significant AC current superimposed on DC, making it ideal for power filtering.
* **Stability:** Unlike standard electrolytic capacitors, hybrid types maintain stable capacitance even at very low temperatures.
* **AEC-Q200 Compliance:** Usually, parts with this naming convention are designed to meet automotive standards for vibration and thermal shock.
---
### 3. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **HTK** | Series Name (High Temperature/Long Life Hybrid) |
| **25V** | Rated Voltage (25 Volts) |
| **561** | Capacitance Code (56 x 10^1 = 560µF) |
| **M** | Tolerance (±20%) |
| **HC5** | Case Size Dimension Code |
| **BX** | Internal Manufacturing/Material code |
| **R2** | Packaging (Tape & Reel) |
---
### 4. Common Applications
* **Automotive Electronics:** Engine Control Units (ECUs), ADAS sensors, and LED lighting drivers.
* **Industrial Power Supplies:** DC/DC converters and smoothing circuits in harsh environments.
* **Telecommunications:** Base station power modules where heat dissipation is a concern.
---
- ⤷What is the difference in performance between this hybrid capacitor and a standard aluminum electrolytic capacitor?
- ⤷ What are the specific dimensions for the 'HC5' case size?
- ⤷ Can this capacitor be used in 48V automotive systems?