HTK-35V391MH10EXQ-R2
AI

The part number **HTK-35V391MH10EXQ-R2** refers to a high-performance **Conductive Polymer Hybrid Aluminum Electrolytic Capacitor**. These components are widely used in automotive and industrial electronics due to their ability to combine the low ESR of polymer capacitors with the high voltage and safety features of liquid electrolytic capacitors.
---
### 1. Specification Overview
The following table breaks down the technical characteristics based on the part numbering standard (likely from a manufacturer like **United Chemi-Con** or similar):
| Parameter | Value / Description |
| :--- | :--- |
| **Capacitance** | 390 µF (Microfarads) |
| **Voltage Rating** | 35V DC |
| **Technology** | Hybrid (Polymer + Electrolyte) |
| **Tolerance** | ±20% (Standard) |
| **Case Size (DxL)** | 10mm x 10mm (approximate) |
| **Mounting Type** | Surface Mount (SMD) |
| **Temperature Range** | -55°C to +125°C |
---
### 2. Part Number Breakdown (Decoded)
While specific codes vary by manufacturer, the string generally follows this logic:
* **HTK:** Series name (Indicates high temperature, long life, and low ESR).
* **35V:** Rated voltage (35 Volts).
* **391:** Capacitance code (39 followed by one zero = 390µF).
* **MH10:** Dimensional code for the case size (e.g., 10mm diameter).
* **E:** Standard for AEC-Q200 qualification (Automotive grade).
* **XQ-R2:** Packaging and taping style (Reel specifications).
---
### 3. Key Advantages of Hybrid Technology
This specific part is chosen over standard aluminum or pure polymer capacitors for several reasons:
1. **Low ESR (Equivalent Series Resistance):** The polymer content allows for extremely low resistance, which minimizes heat generation during high ripple current situations.
2. **High Ripple Current:** It can handle significant electrical noise, making it ideal for DC-DC converters and motor drives.
3. **Self-Healing Properties:** The liquid electrolyte component allows the capacitor to "heal" dielectric defects, unlike pure solid polymer capacitors which may fail short-circuit.
4. **Stability:** It maintains stable capacitance and ESR across a wide temperature range and frequency spectrum.
---
### 4. Typical Applications
* **Automotive:** ECU (Engine Control Units), ADAS sensors, and LED lighting drivers.
* **Industrial:** Power supplies for robotic arms and 24V bus line filtering.
* **Telecommunications:** Base station power modules where reliability in outdoor environments is critical.
- ⤷
What is the expected load life (hours) for the HTK series at 125°C?
- ⤷ How does 'Hybrid' technology differ from standard Aluminum Electrolytic capacitors in terms of failure modes?
- ⤷ What are the recommended soldering profiles for SMD hybrid capacitors?