HTK-50V101MH10EXN-R2
AI

The part number **HTK-50V101MH10EXN-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**, typically manufactured by companies like **United Chemi-Con (NCC)** or specialized automotive-grade suppliers.
Below is the detailed breakdown of its specifications and electronic characteristics.
---
### 1. Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 100 µF | Rated storage capacity |
| **Voltage Rating** | 50V DC | Maximum working voltage |
| **Series** | HTK | High temperature, high ripple current series |
| **Tolerance** | ±20% (M) | Standard industry tolerance |
| **Temperature Range** | -55°C to +125°C | Designed for extreme environments |
| **Package / Case** | SMD (V-Chip) | Surface Mount Device |
| **Size Code** | H10 | Refers to dimensions (approx. 8x10mm or 10x10mm) |
| **Endurance** | 2,000 to 5,000 hours | Rated life at maximum temperature |
---
### 2. Part Number Decoder
Analyzing the alphanumeric string helps identify the specific characteristics:
* **HTK**: The Series name (High temperature, conductive polymer hybrid or low-ESR electrolyte).
* **50V**: Rated Voltage (50 Volts).
* **101**: Capacitance code. The first two digits are significant figures, the third is the multiplier (10 × 10¹ = 100µF).
* **M**: Tolerance code (±20%).
* **H10**: Case size dimensions (Diameter and Height).
* **E**: Packaging/Modification code (often signifies RoHS compliance or specific lead-free plating).
* **XN-R2**: Taping and reeling specification for automated pick-and-place machines.
---
### 3. Key Electronic Features
* **Low ESR:** This series is engineered to have Low Equivalent Series Resistance, which reduces heat generation during high-frequency switching.
* **AEC-Q200 Qualified:** Most parts in the HTK series are automotive-grade, meaning they can withstand high vibration and thermal cycling.
* **Hybrid Technology:** Depending on the specific manufacturer line, HTK often utilizes a hybrid electrolyte (liquid + conductive polymer) to achieve both high voltage handling and extremely low ESR.
---
### 4. Common Applications
Due to its high temperature rating and 50V capacity, this part is commonly used in:
1. **Automotive ECUs:** Power management for engine control units.
2. **DC/DC Converters:** Filtering input/output noise in power supplies.
3. **LED Drivers:** Smoothing rectified AC or high-frequency PWM signals.
4. **Industrial Automation:** Reliable performance in non-climate-controlled environments.
- ⤷
What are the exact physical dimensions for the H10 case size code?
- ⤷ How does a Hybrid Electrolytic capacitor differ from a standard Aluminum capacitor?
- ⤷ What is the maximum ripple current rating for this specific HTK series part?