HTK-50V101MH10EXQ-R2
AI

The part number **HTK-50V101MH10EXQ-R2** refers to a high-performance **Aluminum Electrolytic Capacitor** manufactured by **United Chemi-Con (UCC)**. This specific component is part of the **HTK series**, designed for high-temperature and high-reliability applications, often in the automotive or industrial sectors.
---
### 1. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Capacitance** | 100 µF |
| **Voltage Rating** | 50 VDC |
| **Tolerance** | ±20% (M) |
| **Temperature Range** | -55°C to +125°C |
| **Endurance (Life)** | 2,000 to 5,000 hours at 125°C |
| **Case Size (D x L)** | 8.00mm x 10.00mm |
| **Mounting Type** | Surface Mount (SMD) |
| **Series** | HTK (High Temperature / Low ESR) |
---
### 2. Part Number Breakdown
To understand the specific features of this component, we can deconstruct the code:
* **HTK**: Series name (High heat resistance, low ESR, SMD type).
* **50V**: Rated Voltage (50 Volts).
* **101**: Capacitance Code. The first two digits (10) are significant figures; the third (1) is the multiplier ($10^1$). $10 \times 10 = 100 \mu F$.
* **M**: Tolerance (±20%).
* **H10**: Case size code (approx. 8mm diameter).
* **E**: Terminal/Plating type.
* **XQ**: Packaging or internal production code.
* **R2**: Tape and Reel packaging specification.
---
### 3. Key Features and Applications
#### Features:
* **High Temperature Stability:** Rated for operation up to **125°C**, which is significantly higher than standard 85°C or 105°C capacitors.
* **Low ESR:** Designed to handle high ripple currents with minimal internal heating.
* **AEC-Q200 Compliant:** Typically used in automotive environments where vibration and thermal cycling are common.
#### Common Applications:
1. **Automotive ECU:** Engine Control Units and powertrain sensors.
2. **LED Lighting:** Drivers that operate in high-ambient temperature environments.
3. **Industrial Power Supplies:** DC-DC converters and filtering stages.
---
### 4. Footprint/Physical Layout (Typical SMD)
The "H10" case code corresponds to a specific pad layout on a PCB:
```text
[Top View]
____________
/ \
| ( + ) | <-- Anode Mark (usually a bar)
| 100 |
| 50V |
\____________/
|_| |_| <-- Solder terminals
```
- ⤷
What is the ripple current rating for the HTK series at 125°C?
- ⤷ Are there alternative series from United Chemi-Con with longer life cycles?
- ⤷ How does the ESR of this capacitor change at sub-zero temperatures?