AI

The **HTS-00-R/BL** refers to a specific series of high-quality **thermal heat sinks**, typically used in power electronic applications to dissipate heat from components like TO-220 or TO-247 packages.
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
## 1. Technical Specifications
The "HTS" designation usually stands for **High Thermal Stability** or **Heat Sink**, while the "R/BL" suffix typically denotes a **Rectangular** shape with a **Black Anodized** finish.
| Feature | Description |
| :--- | :--- |
| **Material** | Aluminum Alloy (High Thermal Conductivity) |
| **Finish** | Black Anodized (Increases emissivity and corrosion resistance) |
| **Mounting Type** | Through-hole (PCB) or Screw-mount |
| **Thermal Resistance** | Typically ranges from 10°C/W to 25°C/W (depending on size/airflow) |
| **Compatibility** | TO-220, TO-218, TO-247 Transistors/MOSFETs |
---
## 2. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its electronic role is critical for the survival of the circuit:
### A. Thermal Management
The primary function is to increase the surface area of the power component. By conducting heat away from the semiconductor junction to the ambient air, it prevents **Thermal Runaway**, where a component gets hotter, draws more current, and eventually destroys itself.
### B. Electrical Insulation
In many "R/BL" configurations, the heat sink is isolated from the live tab of the transistor using a mica washer or a sil-pad. However, the black anodized layer itself provides a very high electrical resistance, though it should not be relied upon as the sole insulator in high-voltage circuits.
### C. EMI Shielding
If grounded, the aluminum body of the HTS-00-R/BL can act as a localized Faraday shield, reducing Electromagnetic Interference (EMI) radiated by high-speed switching components like MOSFETs in SMPS (Switched-Mode Power Supplies).
---
## 3. Physical Design Features
* **Vertical Fins:** Designed to maximize natural convection (the chimney effect).
* **Pre-drilled Holes:** Usually features a standard 3.2mm or 3.5mm hole for M3 screws.
* **Solderable Pins:** Some variants include tinned brass pins pressed into the aluminum to allow the heat sink to be soldered directly to the PCB for mechanical stability.
---
## 4. Typical Applications
* **Voltage Regulators:** (e.g., LM7805, LM317)
* **Audio Amplifiers:** Cooling output power transistors.
* **Motor Drivers:** Dissipating heat from H-Bridge ICs.
* **Power Supplies:** Cooling Rectifiers and Primary Switchers.
- ⤷
What is the exact thermal resistance value for the HTS-00-R/BL in natural convection?
- ⤷ Does this model require an insulating kit for a TO-220 package?
- ⤷ Are there specific dimensions or a datasheet available for the mounting hole pattern?