HTS-0F-R
AI

The **HTS-0F-R** is a specialized high-temperature humidity and temperature sensor module. It is widely used in industrial applications where standard sensors would fail due to heat or chemical exposure.
---
### 1. Technical Specifications
The HTS-0F-R is characterized by its robust thermal profile and resistive sensing technology.
| Parameter | Specification |
| :--- | :--- |
| **Sensing Principle** | Resistive (Polymer-based) |
| **Operating Humidity Range** | 20% to 95% RH |
| **Operating Temperature** | -20°C to +120°C |
| **Accuracy (Humidity)** | ±5% RH (at 25°C) |
| **Response Time** | < 60 seconds |
| **Standard Frequency** | 1kHz (AC drive recommended) |
---
### 2. Core Electronic Components
The device is not just a single component but a composite of specific materials and electrical interfaces:
* **Resistive Humidity Element:** The "Heart" of the sensor. It utilizes a humidity-sensitive polymer layer. As water molecules are absorbed, the ionic conductivity increases, lowering the electrical resistance.
* **Temperature Compensation (Thermistor):** To provide accurate RH readings across its wide temperature range, it is usually paired with a high-precision NTC thermistor to compensate for the thermal drift of the humidity element.
* **Substrate:** Typically a ceramic or high-grade polymer substrate capable of withstanding temperatures up to 120°C without outgassing or warping.
* **Lead Wires:** High-temperature resistant wires (often Teflon or silicone coated) to prevent melting at the upper limits of the operating range.
---
### 3. Electrical Driving Requirements
Unlike simple digital sensors (like the DHT22), the HTS-0F-R requires specific signal conditioning:
* **AC Drive:** Resistive humidity sensors should **never** be driven with Direct Current (DC), as this causes polarization of the polymer and permanent damage. A square wave or sine wave (approx. 1kHz) is required.
* **Impedance Conversion:** Because the resistance changes exponentially (from several Mega-ohms to Kilo-ohms), the circuit usually requires an Op-Amp-based impedance converter or a specialized IC like the **LM324** or **555 timer** in astable mode to convert resistance to frequency.
### 4. Application Use Cases
* **Industrial Drying:** Monitoring moisture levels in kilns or ovens.
* **HVAC Systems:** High-reliability climate control in demanding environments.
* **Appliances:** Steam ovens and dishwashers where high heat and humidity coexist.
---
- ⤷
How do you convert the HTS-0F-R resistive output to a digital signal for an Arduino?
- ⤷ Why is an AC drive preferred over a DC drive for this specific sensor?
- ⤷ What are the common failure modes of the HTS-0F-R in high-chemical environments?