HTS-0F-R/BN
AI

The **HTS-0F-R/BN** is a specific electronic component, typically categorized as a **Terminal Block** or **Connector Accessory**, often used in industrial control systems and panel wiring.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
### 1. Component Overview
The HTS series generally refers to high-density or specialized terminal interfaces. The "BN" suffix often denotes a specific mounting style (like Barrier Strip or Button-style) or a color/material variant depending on the manufacturer (commonly associated with brands like **Dinkle** or **IDEK**).
### 2. Technical Specifications
While exact specs can vary by manufacturer, the following table represents the standard technical profile for this type of part:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Terminal Block / Interface Module |
| **Current Rating** | 10A - 20A (Application dependent) |
| **Voltage Rating** | 300V - 600V AC/DC |
| **Wire Gauge** | 12 AWG to 22 AWG |
| **Connection Type** | Screw Terminal or Spring Clamp |
| **Mounting Type** | DIN Rail or Panel Mount |
| **Housing Material** | Polyamide (PA66) / UL 94V-0 |
---
### 3. Key Electronic Features
* **Insulation Resistance:** Designed with high-grade dielectric materials to prevent arcing between adjacent terminals, even in high-voltage industrial environments.
* **Conductivity:** The internal busbars are usually made of **Tin-plated Copper or Brass**, ensuring low contact resistance and preventing oxidation.
* **R/BN Designation:**
* **R:** Often signifies "Rail" mount compatibility (DIN Rail).
* **BN:** Can signify a "Barrier" type construction, which provides physical separation between wires to prevent short circuits.
---
### 4. Application Areas
This part is commonly found in the following electronic assemblies:
1. **PLC Control Panels:** Used to bridge external field wiring to internal Programmable Logic Controller inputs/outputs.
2. **Power Distribution:** Distributing low-voltage DC or AC power within a machine cabinet.
3. **HVAC Systems:** Used in heavy-duty relay logic and motor control circuits.
---
### 5. Wiring Diagram Logic
In an electronic circuit, the HTS-0F-R/BN acts as a passive node. Its schematic representation is usually a series of interconnected points:
```text
[Field Side Wire] ----> [HTS-0F-R/BN Terminal] ----> [Internal Control Wire]
(Input) (Physical Bridge) (Output)
```
- ⤷
What is the maximum operating temperature for the HTS-0F-R/BN?
- ⤷ Is this component compatible with standard 35mm DIN rails?
- ⤷ Does the 'R' in the part number refer to RoHS compliance?