HTS-44-R
AI

The **HTS-44-R** is a specific type of high-performance **Heat Sink** or **Thermal Management component**, typically used in electronic assemblies to dissipate heat from power-intensive devices like transistors, SCRs, or power modules.
Below is a breakdown of its technical and electronic characteristics.
---
### 1. Technical Specifications
The HTS-44-R is designed for high thermal conductivity. While exact specs can vary by specific manufacturer (such as Aavid or Wakefield-Vette), the standard "HTS" series generally follows these parameters:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum Alloy (usually 6063-T5) |
| **Finish** | Black Anodized (standard) or Degreased |
| **Mounting Style** | Bolt-on / Screw Mount |
| **Thermal Resistance** | Typically ranges from 1.5°C/W to 3.0°C/W (Airflow dependent) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Electronic Functionality
The HTS-44-R serves as a passive cooling component. Its electronic importance lies in **Thermal Resistance ($\theta$)** management.
* **Heat Dissipation:** It increases the surface area of the electronic component it is attached to, allowing heat to transfer more efficiently into the surrounding air.
* **Operating Stability:** By keeping the junction temperature ($T_j$) of a semiconductor low, the HTS-44-R prevents "Thermal Runaway," a condition where increased heat leads to increased current, eventually destroying the part.
* **Safety Margin:** It allows electronic components (like a TO-220 or TO-247 package) to operate at their maximum rated power without exceeding safe temperature limits.
---
### 3. Application Examples
The HTS-44-R is commonly found in the following electronic circuits:
1. **Power Supplies:** Cooling voltage regulators (e.g., LM7805) and switching transistors.
2. **Motor Controllers:** Managing heat from H-Bridge MOSFETs.
3. **Audio Amplifiers:** Dissipating heat from Class AB or Class D output stages.
4. **LED Drivers:** Cooling high-wattage COB (Chip on Board) LEDs.
---
### 4. Mounting & Installation Code
The "44" in the part number often refers to the physical dimensions or the specific hole pattern drilled into the sink.
```markdown
Typical Installation Sequence:
1. Apply Thermal Paste (TIM) to the component backing.
2. Align the HTS-44-R mounting hole with the component hole.
3. Secure with an M3 or 4-40 screw.
4. Ensure the fins are oriented vertically for natural convection.
```
- ⤷
What is the exact thermal resistance of the HTS-44-R under forced air cooling?
- ⤷ Which semiconductor package sizes (e.g.
- ⤷ TO-220
- ⤷ TO-3) is this heat sink compatible with?
- ⤷ Does the 'R' suffix always denote RoHS compliance in this series?