HTS-61-R
AI

The **HTS-61-R** is a specific model of a **Humidity and Temperature Sensor** (often part of a transmitter series) used extensively in industrial automation, HVAC systems, and environmental monitoring.
Below is a breakdown of its electronic components, technical specifications, and wiring structure.
---
### 1. Key Technical Specifications
The HTS-61-R is designed to convert physical environmental changes into measurable electrical signals.
| Feature | Specification |
| :--- | :--- |
| **Measured Parameters** | Relative Humidity (RH) and Temperature (T) |
| **Output Signal** | Relay Output (High/Low Alarms) or 4-20mA / 0-10V (Model dependent) |
| **Power Supply** | Usually 12-24V DC or 110-220V AC |
| **Temperature Range** | -20°C to +80°C (Standard) |
| **Humidity Range** | 0% to 100% RH |
| **Accuracy** | ±3% RH / ±0.5°C |
---
### 2. Internal Electronic Architecture
The device consists of four primary electronic stages:
1. **Sensing Element:**
* **Humidity:** Typically uses a *Capacitive Polymer Sensor*. As moisture increases, the dielectric constant changes, altering the capacitance.
* **Temperature:** Usually a *PT100/PT1000 RTD* or a high-precision *Thermistor* for linear resistance response.
2. **Signal Conditioning Circuit:**
* Uses Operational Amplifiers (Op-Amps) to amplify the tiny millivolt or picofarad changes from the sensors into a stable voltage.
3. **Microcontroller (MCU):**
* Processes the analog signals using an Analog-to-Digital Converter (ADC).
* Applies calibration algorithms to ensure linearity across the full range.
4. **Output Stage (The "R" Suffix):**
* The **"R"** usually signifies a **Relay Output**.
* It contains an electromechanical or solid-state relay that triggers an external circuit (like a fan or heater) when a specific threshold is reached.
---
### 3. Wiring and Connection Diagram
Typical electronic connections for the HTS-61-R involve a terminal block with the following configuration:
```yaml
Terminal 1: V+ (Power Supply Positive)
Terminal 2: V- (Power Supply Ground)
Terminal 3: Relay Common (COM)
Terminal 4: Relay Normally Open (NO)
Terminal 5: Relay Normally Closed (NC)
```
---
### 4. Typical Applications
* **Greenhouse Control:** Activating irrigation or ventilation based on humidity levels.
* **Server Rooms:** Triggering alarms if the cooling system fails and temperature rises.
* **Grain Storage:** Monitoring moisture content to prevent spoilage.
- ⤷
What is the difference between the HTS-61-R relay output and a standard 4-20mA output?
- ⤷ How do you calibrate the HTS-61-R sensor if readings drift?
- ⤷ Can this sensor be integrated into a PLC system using Modbus?