HTS-70-R/BL
AI

The **HTS-70-R/BL** is a specialized high-power, high-voltage component, typically identified as a **high-voltage MOSFET switch** or **pulse generator module** manufactured by companies like Behlke. These devices are designed for precision switching in industrial and scientific applications.
---
### 1. Key Technical Specifications
The "70" in the model name generally refers to the maximum voltage rating (7 kV), while the "R" and "BL" suffixes denote specific cooling and housing configurations.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Maximum Operating Voltage** | 7,000 V (7 kV) |
| **Peak Current** | Up to 30 A (Model dependent) |
| **Switching Speed** | Nanosecond range (< 20-50 ns) |
| **Control Interface** | TTL / CMOS Compatible |
| **Cooling Method** | Air or Liquid (depending on mounting) |
---
### 2. Internal Electronic Structure
The HTS-70-R/BL is not a single transistor but an integrated power electronic module. Its internal architecture includes:
* **MOSFET Stack:** Multiple high-voltage MOSFETs are connected in series/parallel to handle the 7kV load while maintaining high speed.
* **Isolated Driver Circuitry:** The control logic is galvanically isolated from the high-voltage side (usually via opto-couplers or magnetic isolation) to prevent the 7kV from destroying the input controller.
* **Protection Circuitry:** Includes internal snubbers and transient suppressors to handle back-EMF and voltage spikes during fast switching.
---
### 3. Connection and Pinout Categories
The electronic interface of the module is divided into two distinct sections:
#### A. Control Side (Low Voltage)
* **Auxiliary Power:** Typically requires a stable +5V or +12V DC supply to power the internal logic.
* **Trigger Input:** A standard logic signal (TTL) that tells the switch when to open or close.
* **Status Output:** Many models provide a feedback signal to confirm the switch state or report a thermal fault.
#### B. Load Side (High Voltage)
* **Input (Anode/Source):** Connection to the high-voltage DC power supply.
* **Output (Cathode/Drain):** Connection to the load (e.g., a laser tube, Pockels cell, or mass spectrometer plate).
---
### 4. Common Applications
Due to its high speed and high voltage handling, the HTS-70-R/BL is used in:
1. **Laser Technology:** Driving Pockels cells for Q-switching.
2. **Medical Equipment:** High-speed pulsing for imaging or therapy devices.
3. **Physics Research:** Particle deflection and mass spectrometry.
4. **Plasma Physics:** Generating nanosecond pulses for plasma ignition.
---
### 5. Installation Precautions
* **Dielectric Strength:** Because it operates at 7kV, PCB traces must have significant "creepage and clearance" distances to prevent arcing.
* **Heat Dissipation:** Despite high efficiency, switching losses at high frequencies require a proper heatsink or airflow.
* **EMI Shielding:** The extremely fast $dV/dt$ (change in voltage over time) can generate significant electromagnetic interference.
- ⤷
What are the specific cooling requirements for the 'BL' variant?
- ⤷ How does the trigger propagation delay affect system timing?
- ⤷ Can this module be used for continuous wave (CW) applications or only pulsed?