HTX-25V331MH10XQ-R2
AI

The part number **HTX-25V331MH10XQ-R2** refers to a specific Aluminum Electrolytic Capacitor, likely manufactured by a company like **Lelon** or a similar electronic component brand. This component is designed for high-temperature stability and surface-mount applications.
---
### Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 330 µF | The energy storage capacity. |
| **Voltage Rating** | 25V | The maximum DC voltage it can handle safely. |
| **Series** | HTX | Usually indicates High Temperature / Low ESR series. |
| **Case Size** | 10 x 10.2 mm | Typically denoted by the "10XQ" code (Diameter x Length). |
| **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic caps. |
| **Mounting Type** | SMD (V-Chip) | Surface mount design for PCB assembly. |
| **Packaging** | Tape & Reel (R2) | Standard packaging for automated pick-and-place. |
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying the component features:
1. **HTX**: This is the **Series Code**. HTX series capacitors are generally "Hybrid" or high-temp electrolytic capacitors designed for long life (often 2,000 to 5,000 hours at 125°C).
2. **25V**: The **Rated Voltage** (25 Volts).
3. **331**: The **Capacitance Code**. The first two digits (33) are the base value, and the third (1) is the multiplier (10^1). Thus, 330 µF.
4. **M**: The **Tolerance Code**. M stands for ±20%.
5. **H**: Often represents a specific **Temperature Grade** or terminal style (High Temp).
6. **10XQ**: Represents the **Physical Dimensions** (10mm diameter).
7. **R2**: Indicates the **Packaging Format**, specifically a 13-inch or 15-inch reel for automated assembly.
---
### Key Features & Applications
* **Hybrid Technology:** Many HTX series utilize a conductive polymer and liquid electrolyte (Hybrid). This provides extremely low **ESR** (Equivalent Series Resistance) and high ripple current capability.
* **AEC-Q200 Compliance:** Parts with this naming convention are frequently used in **Automotive electronics**, where vibration resistance and wide temperature ranges (-55°C to +125°C) are required.
* **Applications:**
* DC/DC Converters in automotive ECUs.
* Power supply filtering in industrial equipment.
* Smoothing circuits in LED lighting drivers.
---
### Comparison with Standard Electrolytics
| Feature | Standard Electrolytic | HTX (Hybrid/High Temp) |
| :--- | :--- | :--- |
| **Lifespan** | Moderate | Very High at elevated temps |
| **ESR** | High | Low to Ultra-Low |
| **Stability** | Fluctuates with temp | Very stable across temp range |
- ⤷What is the ripple current rating for this specific capacitor?
- ⤷ Can this part be used in automotive engine control units?
- ⤷ What are the recommended soldering profiles for SMD electrolytic capacitors?