HTX-35V271MH10XQ-R2
AI

The **HTX-35V271MH10XQ-R2** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor, typically manufactured by **Rubycon** (a part of the HTX series). These capacitors are designed for high-temperature environments and automotive-grade reliability.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 270 µF |
| **Voltage Rating** | 35V DC |
| **Tolerance** | ±20% |
| **Operating Temperature Range** | -40°C to +125°C |
| **Endurance (Lifetime)** | 2,000 to 5,000 hours at 125°C |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
| **Size Code** | 10mm (Diameter) x 10.5mm (Height) |
| **Series** | HTX (High Temperature / Low ESR) |
---
### ## Key Features
1. **High Temperature Resilience:** The "HTX" series is specifically engineered to operate at **125°C**, which is significantly higher than standard 85°C or 105°C capacitors.
2. **Hybrid-like Performance:** While an electrolytic capacitor, the HTX series focuses on providing **Low ESR** (Equivalent Series Resistance), which improves efficiency and reduces heat generation during high ripple current situations.
3. **AEC-Q200 Compliance:** Parts like this are generally compliant with automotive stress test qualifications, making them suitable for under-the-hood electronics.
4. **Vibration Resistance:** The "R2" suffix often denotes a specific packaging or a vibration-proof base design, allowing the component to remain soldered securely in high-vibration environments.
---
### ## Part Number Breakdown
The part number follows a specific nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **HTX** | Series Name (High temperature, low ESR) |
| **35V** | Rated Voltage (35 Volts) |
| **271** | Capacitance Code (27 + 1 zero = 270µF) |
| **M** | Tolerance (M = ±20%) |
| **H10** | Case Size Indicator (e.g., 10mm diameter) |
| **XQ-R2** | Lead style and Taping/Packaging code |
---
### ## Typical Applications
* **Automotive ECU:** Engine control units where ambient temperatures are high.
* **DC/DC Converters:** Smoothing and filtering in power supplies.
* **LED Lighting Drivers:** Industrial lighting where heat dissipation is a concern.
* **Industrial Automation:** Controllers and sensors located near heavy machinery.
---
- ⤷
What is the maximum ripple current rating for this specific capacitor?
- ⤷ How does the HTX series compare to the HVP series in terms of ESR?
- ⤷ What are the recommended soldering profile settings for this SMD capacitor?