HV-6V331MF80Q-R2
AI

The **HV-6V331MF80Q-R2** is a specific part number for a Surface Mount (SMT) Aluminum Electrolytic Capacitor, typically manufactured by brands like **Elna** or companies following the same naming convention.
Below is the technical breakdown and classification of this electronic component.
---
### 1. Component Overview
The device is an electrolytic capacitor designed for high-reliability applications, often featuring a low impedance profile suitable for surface mount technology (SMT) on Printed Circuit Boards (PCBs).
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Capacitance** | 330 µF |
| **Voltage Rating** | 6.3V DC |
| **Package/Case Size** | 6.3mm x 7.7mm (approx.) |
| **Operating Temp** | -40°C to +105°C |
---
### 2. Part Number Breakdown
Electronic part numbers are alphanumeric codes where each segment represents a physical or electrical characteristic.
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **HV** | Series Code | High Voltage or High Reliability (Standard Vertical Chip) |
| **6V** | Voltage Rating | 6.3 Volts |
| **331** | Capacitance Code | 33 followed by 1 zero = **330µF** |
| **M** | Tolerance | ±20% (Industry Standard) |
| **F80** | Case Size Code | Refers to Diameter x Length (e.g., 6.3 x 7.7mm) |
| **Q-R2** | Packaging | Tape and Reel (TR) specifications |
---
### 3. Key Technical Characteristics
* **Polarity:** As an electrolytic capacitor, this is a **polarized** component. The negative terminal is usually marked with a black or colored stripe on the top of the "can."
* **ESR (Equivalent Series Resistance):** This series generally offers low ESR to handle ripple current effectively without overheating.
* **Reflow Soldering:** Designed to withstand the high temperatures of lead-free reflow soldering processes.
### 4. Common Applications
Due to its 6.3V rating and 330µF capacity, this part is commonly used for:
* **Voltage Smoothing:** Cleaning up noise in 3.3V or 5V power rails.
* **Decoupling:** Providing a local energy reservoir for integrated circuits (ICs).
* **Consumer Electronics:** Used in laptops, motherboards, and peripheral devices where height (low profile) is a constraint.
---
- ⤷What is the ripple current rating for this specific capacitor?
- ⤷ Can I substitute a 10V 330uF capacitor for this 6.3V part?
- ⤷ What are the footprint dimensions for the F80 case size?