HVF-Z6-R/
AI

The **HVF-Z6-R** is a high-performance **High Voltage Reed Relay** manufactured by Standex Electronics (MEDER). These components are specifically designed for applications requiring high isolation voltages and low leakage currents in a compact form factor.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic characteristics of the HVF-Z6-R:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Contact Form** | Form A (Normally Open) | - |
| **Max Switching Voltage** | 1,000 | VDC |
| **Max Breakdown Voltage** | 6,000 | VDC |
| **Max Switching Current** | 0.5 | Amps |
| **Max Power Rating** | 100 | Watts |
| **Coil Voltage (Nominal)** | 12 (standard series) | VDC |
| **Insulation Resistance** | $10^{12}$ | Ohms |
---
### 2. Internal Electronic Construction
The HVF series is engineered with specific materials to handle high-voltage stress:
* **Hermetically Sealed Reed Switch:** The heart of the part is a glass-enclosed switch filled with an inert gas (usually Nitrogen or Vacuum). This prevents oxidation and arcing, ensuring a long lifecycle.
* **Copper Coil:** An electromagnetic coil surrounds the reed switch. When energized, it creates a magnetic field that closes the internal contacts.
* **Encapsulation:** The "R" in the series often denotes a ruggedized or specific potting compound (Epoxy) that provides superior dielectric strength and protects the internal components from humidity.
* **Rhadium/Tungsten Contacts:** High-voltage reed relays typically use Tungsten or Rhodium plating on the contacts to withstand the "pitting" that occurs during high-voltage switching.
---
### 3. Application Use Cases
Because of its high isolation and precision, the HVF-Z6-R is commonly found in:
1. **Automated Test Equipment (ATE):** Used for insulation testing and high-pot (High Potential) testing.
2. **Medical Electronics:** Isolation in surgical equipment or defibrillators where patient safety and high voltage are critical.
3. **Solar/Renewable Energy:** Monitoring insulation resistance in photovoltaic arrays.
4. **Battery Management Systems (BMS):** Measuring high-voltage stacks in electric vehicles.
---
### 4. Circuit Implementation Tips
When integrating this part into a PCB design, consider the following:
* **Flyback Diode:** Always use a clamping diode (e.g., 1N4148) across the relay coil pins to protect your driving transistor from the inductive kickback when the coil is de-energized.
* **Creepage and Clearance:** Maintain adequate spacing between the high-voltage traces and the low-voltage coil control traces to prevent surface tracking or arcing.
* **Switching Life:** While rated for millions of cycles, switching at the maximum 1,000V DC "hot" will reduce the lifespan compared to "cold" switching (closing the relay before applying voltage).
- ⤷
What is the difference between 'hot switching' and 'cold switching' for this relay?
- ⤷ How does the HVF-Z6-R compare to a Solid State Relay in high voltage applications?
- ⤷ What are the specific coil resistance values for the 12V and 24V versions?