HVLED1
AI

The **HVLED1** (specifically the HVLED1xx series, often associated with STMicroelectronics) is a high-performance, high-voltage offline LED driver designed for lighting applications. It is engineered to provide efficient power conversion from AC mains directly to an LED string.
---
### 1. Key Internal Electronic Components
The HVLED1 architecture integrates several sophisticated blocks to handle high-voltage regulation and safety.
| Component Block | Function |
| :--- | :--- |
| **High Voltage Startup** | Allows the device to start directly from the rectified mains voltage without external resistors, improving efficiency. |
| **PFC Controller** | **Power Factor Correction** ensures the current drawn is in phase with the voltage, reducing harmonic distortion. |
| **Constant Current (CC) Control** | Regulates the output current to ensure consistent LED brightness regardless of input voltage fluctuations. |
| **PWM Comparator** | Manages Pulse Width Modulation to drive an external or internal MOSFET for power switching. |
| **Protection Circuitry** | Includes Over-Voltage Protection (OVP), Short-Circuit Protection (SCP), and Thermal Shutdown. |
---
### 2. Functional Pins and Connectivity
Standard packages (like SO-8) typically feature the following pinout configuration:
1. **VCC**: Supply voltage for the internal logic.
2. **GD (Gate Driver)**: Drives the gate of the external N-channel MOSFET.
3. **MULT**: Multiplier input used for Power Factor Correction (PFC).
4. **CS (Current Sense)**: Monitors the inductor current via a shunt resistor.
5. **ZCD (Zero Crossing Detector)**: Detects when the inductor current reaches zero to trigger the next switching cycle (Quasi-Resonant mode).
6. **INV**: Inverting input of the error amplifier for feedback loops.
7. **COMP**: Compensation pin for the control loop stability.
8. **GND**: Common ground.
---
### 3. Operational Characteristics
The HVLED1 operates primarily in **Transition Mode (TM)** or **Quasi-Resonant (QR)** mode. This provides several technical advantages:
* **Efficiency**: Switching occurs when the voltage across the MOSFET is at its minimum, reducing switching losses.
* **EMI Reduction**: The variable frequency nature of QR switching spreads the electromagnetic interference spectrum, making it easier to filter.
* **Primary Sensing**: Many versions allow for "Primary Side Regulation" (PSR), meaning it can regulate output current without an optocoupler, saving cost and board space.
---
### 4. Typical Application Circuit
The HVLED1 is usually the heart of a **Flyback** or **Buck-Boost** converter topology.
```text
AC Input -> Bridge Rectifier -> HVLED1 Controller -> Switching MOSFET -> Transformer/Inductor -> LED Load
```
---
### 5. Technical Specifications (Summary)
| Parameter | Value (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 80V AC to 265V AC |
| **Power Factor** | > 0.9 |
| **THD (Total Harmonic Distortion)** | < 20% |
| **Startup Voltage** | ~12V to 15V |
| **Operating Frequency** | Variable (up to 150kHz) |
- ⤷
What is the difference between HVLED1 and HVLED815SF?
- ⤷ How does Primary Side Regulation work in this specific driver?
- ⤷ Can you provide a sample schematic for a 10W LED driver using HVLED1?