HVS-03-R
AI

The **HVS-03-R** is a specialized high-voltage electronic component, typically categorized as a **High Voltage Reed Relay** or a **High Voltage Divider/Sensor** depending on the specific manufacturer (commonly associated with brands like Standex-Meder or specialized power supply vendors).
Below is a technical breakdown of its electronic characteristics and internal parts.
---
### 1. Technical Specifications
The "HVS" series generally denotes **High Voltage Surface-mount** or **High Voltage Series**. Here are the typical electrical parameters for this class of component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Max Switching Voltage** | Up to 3,000V - 10,000V DC |
| **Contact Form** | Form A (Normally Open) |
| **Isolation Voltage** | 5kV to 15kV |
| **Mounting Type** | PCB Through-hole or Rigid Lead |
| **Housing Material** | Thermoset Epoxy / Silicone Encapsulated |
---
### 2. Internal Electronic Parts & Construction
#### A. Reed Switch Capsule
The core of the HVS-03-R is a hermetically sealed glass envelope containing two ferromagnetic blades (reeds).
* **Plating:** The contacts are often plated with **Rhodium** or **Tungsten** to resist arcing under high-voltage loads.
* **Gas Fill:** The capsule is filled with an inert gas (like Nitrogen) or a vacuum to prevent oxidation and increase dielectric strength.
#### B. Electromagnetic Coil
To actuate the switch, a copper wire coil is wrapped around the reed capsule.
* **Nominal Voltage:** Usually operates at 5V, 12V, or 24V DC.
* **Power Consumption:** Designed for low power consumption to prevent heat buildup near high-voltage traces.
#### C. Encapsulation (Potting)
The entire internal assembly is "potted" using a high-dielectric epoxy resin.
* **Purpose:** This prevents "creepage" (current traveling across the surface) and "clearance" issues (sparking through the air) between the low-voltage control side and the high-voltage load side.
---
### 3. Key Electronic Characteristics
* **High Insulation Resistance:** Usually $> 10^{10} \Omega$, ensuring that there is negligible leakage current when the device is in the "off" state.
* **Low Contact Resistance:** Even though it handles kilovolts, the internal resistance is kept low (typically $< 150 m\Omega$) to prevent signal loss.
* **Galvanic Isolation:** It provides a physical air gap or solid dielectric barrier between the control circuit (Microcontroller/PLC) and the high-voltage load.
---
### 4. Common Applications
1. **Automotive Isolation Monitoring:** Used in EV battery management systems (BMS) to check for leaks to the chassis.
2. **Medical Equipment:** Defibrillators or X-ray imaging power supplies.
3. **Test & Measurement:** Cable testers and automated test equipment (ATE) for high-voltage dielectric testing.
- ⤷
What are the specific coil voltage options available for the HVS-03-R?
- ⤷ How does the 'R' suffix in HVS-03-R affect its mounting or polarity?
- ⤷ What is the maximum switching current compared to the breakdown voltage?