HVS-152-R
AI

The **HVS-152-R** is a specific electronic component, typically categorized as a **High Voltage Reed Relay**. These devices are engineered to provide high isolation and switching capabilities for high-voltage circuits while maintaining a compact form factor.
---
### 1. Key Technical Specifications
The "HVS" series generally focuses on high-voltage standoff and vacuum/gas-filled reed switches. Below are the typical electronic characteristics for this part:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Contact Form** | Form A (Normally Open) |
| **Max Switching Voltage** | Up to 10,000V DC / Peak AC |
| **Max Carry Current** | 2.0A - 3.0A |
| **Max Switching Power** | 50W |
| **Isolation Voltage** | 15kV (Across contacts/to coil) |
| **Coil Voltage (Nominal)** | 12V or 24V DC (Model dependent) |
| **Contact Resistance** | < 150 mΩ |
---
### 2. Internal Construction
The HVS-152-R consists of three primary electronic sections:
1. **The Reed Switch:** Two ferromagnetic blades hermetically sealed in a glass envelope. This envelope is often filled with an inert gas or a vacuum to prevent arcing when switching high voltages.
2. **The Electromagnetic Coil:** A copper wire winding wrapped around the glass tube. When current flows through this coil, it creates a magnetic field that pulls the reed contacts together.
3. **Encapsulation:** The internal parts are molded in a high-dielectric epoxy resin. This protects the components from environmental moisture and provides electrical insulation between the high-voltage pins and the low-voltage control pins.
---
### 3. Connection Pinout
A standard HVS-152-R configuration usually features two sets of pins separated by a significant distance to prevent tracking (surface arcing):
* **Pins 1 & 2:** Low-voltage DC input for the **Coil**.
* **Pins 3 & 4:** High-voltage **Switch Contacts**.
---
### 4. Common Applications
Due to its high isolation properties, the HVS-152-R is used in specialized electronic fields:
* **Medical Electronics:** Defibrillators and imaging equipment.
* **Test & Measurement:** High-voltage insulation testers (Hipot testers) and cable testers.
* **Power Supplies:** Switching of high-voltage rails in laboratory power sources.
* **Mass Spectrometry:** Controlling ion paths using high-voltage grids.
---
### 5. Schematic Representation
```mermaid
graph LR
A[Coil Input +] --- B(Electromagnet)
C[Coil Input -] --- B
D[HV Input] --| |-- E[HV Output]
style B fill:#f9f,stroke:#333,stroke-width:2px
```
- ⤷
What is the difference between the HVS-152-R and a standard mechanical relay?
- ⤷ How does the coil voltage affect the switching speed of this component?
- ⤷ What are the safety precautions when PCB mounting high-voltage reed relays?