Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HVS-20-R

  • AI
    The **HVS-20-R** is a high-performance, compact rotary-type video switcher/processor typically used in professional broadcasting and live production environments. Below is a breakdown of its electronic components and architectural characteristics. --- ### 1. Core Hardware Architecture The HVS-20-R operates on a digital signal processing (DSP) backbone designed for low-latency video switching. | Component Category | Description | | :--- | :--- | | **Main Processor** | High-speed FPGA (Field Programmable Gate Array) for real-time video processing. | | **Memory** | DDR3/DDR4 SDRAM for frame buffering, stills, and clip storage. | | **Power Supply** | Typically a 12V DC input, often with internal regulation for stable signal distribution. | | **Cooling** | Active heat sinks or small-diameter silent fans to manage FPGA thermals. | --- ### 2. Interface and Connectivity The "electronic parts" of the interface allow the unit to communicate with various video standards (SD/HD/3G-SDI). * **SDI Transceivers:** Integrated circuits (ICs) that handle the serialization and deserialization of digital video data. * **BNC Connectors:** 75-ohm physical interfaces designed for high-frequency signal integrity. * **Ethernet Port:** RJ-45 interface used for remote control via IP and firmware updates. * **RS-422/GPI:** Serial communication chips for tally lights and external trigger integration. --- ### 3. Internal Processing Blocks The electronic logic is divided into functional "blocks" within the internal circuitry: 1. **Frame Synchronizers:** Every input usually features a dedicated frame sync circuit. This allows the switcher to accept non-genlocked signals and align them to the house clock. 2. **Color Correctors:** Real-time hardware-based color manipulation chips (or FPGA IP cores) for adjusting whites, blacks, and gamma. 3. **Keyers:** Specialized logic for Chroma Keying and Downstream Keying (DSK), allowing for transparent overlays. 4. **Multi-viewer Logic:** Hardware that scales multiple video inputs into a single output grid for monitoring. --- ### 4. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Video Format Support** | 1080i, 720p, 1080p (3G-SDI) | | **Signal Processing** | 4:2:2 10-bit Digital | | **Internal Processing** | FPGA-based Hardware | | **Interface** | BNC (SDI), RJ-45 (LAN) | --- ### 5. Control Electronics The "R" in the model often signifies a Remote or Rack-style interface. This includes: * **Tactile Buttons:** High-endurance micro-switches rated for millions of presses. * **Rotary Encoders:** Digital knobs that provide precise parameter control (e.g., iris, gain, or menu navigation). * **LED Status Indicators:** Logic-controlled LEDs for Tally (Red/Green) and source selection.
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for the HVS-20-R?
    • ⤷ Does the HVS-20-R support 4K resolution via its SDI ports?
    • ⤷ Can the HVS-20-R be controlled via a web-browser interface?