Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HVS-24-R

  • AI
    The **HVS-24-R** is a specific model of a High Voltage Reed Relay, typically manufactured by companies like **Magnecraft (Schneider Electric)** or **Magnecraft/Struthers-Dunn**. These components are designed to provide high galvanic isolation while switching high-voltage signals using a low-voltage control signal. --- ### 1. Key Technical Specifications The model name "HVS-24-R" typically breaks down into the series, the coil voltage, and the contact arrangement. | Parameter | Specification (Typical) | | :--- | :--- | | **Coil Voltage** | 24 VDC | | **Switching Voltage** | Up to 10,000 VDC (10kV) | | **Carry Current** | 2.0 Amps (max) | | **Contact Form** | SPST-NO (Form A) | | **Dielectric Strength** | 15,000 VDC (Across contacts/Coil) | | **Mounting Type** | PCB Mount or Panel Mount (depending on suffix) | --- ### 2. Major Electronic Sub-components The HVS-24-R consists of several internal parts that work in unison to manage high voltage safely: #### A. The Reed Switch The heart of the device. It consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope filled with inert gas. * **Rhadium/Tungsten Plating:** The contacts are often plated with specialized metals to prevent arcing and sticking under high-tension loads. #### B. The Electromagnetic Coil A copper wire winding wrapped around the glass reed switch. * **Function:** When 24V DC is applied, it creates a magnetic field that pulls the two reeds together to close the circuit. #### C. High-Dielectric Encapsulation The internal components are usually potted in a **high-dielectric epoxy resin**. * **Purpose:** This prevents "tracking" or surface arcing between the high-voltage pins and the low-voltage control pins. #### D. Internal Protection (The "R" Suffix) In many naming conventions, the **"R"** stands for an internal **Suppression Diode** (Flyback Diode) or a specific Resistor configuration. * **Diode:** Protects the driving circuit (like a PLC or Transistor) from the inductive kickback voltage generated when the coil is de-energized. --- ### 3. Application Use Cases Because of its high isolation, the HVS-24-R is used in: 1. **Automated Test Equipment (ATE):** Testing cable insulation or PCB dielectric strength. 2. **Medical Electronics:** Defibrillators or imaging equipment where high-voltage pulses must be gated. 3. **Mass Spectrometry:** Switching ion source voltages. 4. **Renewable Energy:** Monitoring isolation resistance in solar inverters. --- ### 4. Circuit Symbol Representation ```mermaid graph LR A[Coil +24V] --- B((Coil)) B --- C[Coil GND] D[HV Input] --/ -- E[HV Output] style B fill:#f9f,stroke:#333,stroke-width:2px ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the HVS-24-R?
    • ⤷ How does the 'R' suffix specifically impact the wiring polarity?
    • ⤷ What are the safety clearance requirements for PCB layout when using this relay?