Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HVS-32-R

  • AI
    The **HVS-32-R** typically refers to a high-voltage, high-speed reed relay or a specialized electronic power component (often associated with manufacturers like Standex Electronics or Cynergy3). These components are designed to switch high voltages while maintaining a compact form factor and high isolation. ### Key Electronic Specifications The "HVS" prefix generally stands for **High Voltage Series**. Below are the typical electronic characteristics found in this category of parts: | Parameter | Typical Value / Description | | :--- | :--- | | **Max Switching Voltage** | Up to 10,000V DC / Peak AC | | **Contact Form** | Form A (Normally Open) or Form B (Normally Closed) | | **Coil Voltage** | Typically 12V or 24V DC | | **Isolation Voltage** | 15kV to 30kV between coil and contacts | | **Contact Resistance** | Very low (typically <150 mΩ) | | **Switching Speed** | Very fast (< 3ms) compared to mechanical contactors | --- ### Core Electronic Components & Construction #### 1. The Reed Switch The heart of the device is a hermetically sealed glass envelope containing ferrous metal reeds. * **Vacuum or Gas Fill:** The tube is usually filled with high-pressure Nitrogen or evacuated to a vacuum to prevent arcing when switching high voltages. * **Plating:** Contacts are often plated with Rhodium, Tungsten, or Iridium to withstand the thermal stress of high-voltage sparks. #### 2. The Electromagnetic Coil A copper wire winding surrounds the reed switch. When current flows through this coil, it creates a magnetic field that moves the internal reeds to open or close the circuit. * **Power Consumption:** Designed for low power consumption to allow control via standard logic circuits (often with a transistor driver). #### 3. Insulation and Encapsulation Because the device handles several thousand volts, the internal electronics are encapsulated in: * **Epoxy Resin:** Provides structural integrity and high dielectric strength. * **Silicone Internal Potting:** Used in some "R" (Ruggedized) variants to prevent internal corona discharge and manage thermal expansion. --- ### Typical Circuit Application To drive an HVS-32-R, a protection diode (flyback diode) is required across the coil to prevent inductive spikes from damaging the control electronics. ```cpp // Example: Basic Logic to Control HVS Relay via MOSFET // [Microcontroller] -> [Gate of MOSFET] -> [HVS Coil] Digital_Pin_High; // Energizes coil // Magnetic field closes Reed Switch // High Voltage (e.g., 5kV) flows through contacts ``` --- ### Common Use Cases * **Automotive Testing:** Testing insulation resistance in EV batteries. * **Medical Electronics:** Cardiac defibrillators or MRI machines. * **Industrial:** High-voltage power supply sequencing and cable insulation testers (Hi-Pot testing).
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage required for the HVS-32-R variant?
    • ⤷ How does the 'R' suffix change the mechanical or electrical properties?
    • ⤷ What are the safety precautions for PCB layout when using high-voltage relays?