HVS-35W-R
AI

The **HVS-35W-R** is a high-performance **Step-Down (Buck) DC-DC Converter Module** commonly used in industrial and DIY electronics for voltage regulation. It is designed to take a higher input voltage and convert it into a stable, lower output voltage with high efficiency.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 35V DC |
| **Output Voltage Range** | 1.25V to 30V (Adjustable) |
| **Maximum Output Current** | 3A (with heat sink) / 2A (Continuous) |
| **Conversion Efficiency** | Up to 92% |
| **Switching Frequency** | ~150 kHz |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Electronic Components
The module's functionality relies on several critical electronic parts:
#### A. The IC (Voltage Regulator)
Usually based on the **LM2596** or a similar high-frequency switching regulator. This chip manages the "Pulse Width Modulation" (PWM) to step down the voltage efficiently without generating excessive heat compared to linear regulators.
#### B. Power Inductor
The large coil (usually 33uH to 47uH) stores energy in its magnetic field during the "on" cycle of the switch and releases it to the load during the "off" cycle. This is the heart of the buck conversion process.
#### C. Electrolytic Capacitors
* **Input Capacitor:** Filters out noise and ripples from the power supply.
* **Output Capacitor:** Smooths the output voltage to ensure a steady DC signal.
#### D. Multi-Turn Potentiometer
The blue component with a small brass screw. This allows for high-precision adjustments of the output voltage. Turning it clockwise or counter-clockwise changes the feedback loop of the IC.
#### E. Schottky Diode
Acts as a freewheeling diode. It provides a path for the current when the internal switch of the IC is open, preventing voltage spikes and maintaining current flow.
---
### 3. Usage Best Practices
1. **Voltage Differential:** For stable operation, the input voltage must be at least **1.5V to 2V higher** than the desired output voltage.
2. **Heat Management:** If you are drawing more than 2A or the output power exceeds 15W, it is highly recommended to attach a **heat sink** to the main IC to prevent thermal shutdown.
3. **Wiring:** Use thick enough wires for the `IN+`, `IN-`, `OUT+`, and `OUT-` terminals to minimize voltage drops.
---
- ⤷
How do I calculate the heat dissipation requirements for this module?
- ⤷ Can this module be used to charge Li-ion batteries directly?
- ⤷ What is the difference between this buck converter and a boost converter?