HVS-C6-R
AI

The **HVS-C6-R** is a high-performance industrial imaging component, specifically a **Camera Link High Speed (CLHS)** frame grabber board or interface card often used in machine vision systems. It is designed to bridge high-resolution industrial cameras with host computer systems.
---
### 1. Key Specifications
The electronic architecture of the HVS-C6-R is defined by its data throughput and interface standards.
| Feature | Specification |
| :--- | :--- |
| **Interface Standard** | Camera Link High Speed (CLHS) |
| **Connector Type** | CX4 or SFP+ (Model dependent) |
| **Bus Interface** | PCIe Gen3 x8 |
| **Maximum Bandwidth** | Up to 10 Gbps per lane (6.25 Gbps standard) |
| **Memory** | On-board buffer (often 2GB - 4GB DDR) |
---
### 2. Core Electronic Components
The board consists of several critical electronic sub-systems that handle signal processing and data integrity:
* **FPGA (Field Programmable Gate Array):**
The "brain" of the card. It handles the high-speed decoding of the CLHS protocol, pixel reordering, and real-time image processing tasks to offload the host CPU.
* **DMA Controller:**
A Direct Memory Access engine that allows the board to stream image data directly into the computer's RAM without interrupting the processor.
* **Transceivers (SerDes):**
High-speed Serializer/Deserializer components that convert the serial data coming from the fiber optic or copper cables back into parallel data for the FPGA.
* **Voltage Regulator Modules (VRM):**
Because the board draws power from the PCIe slot, it includes high-efficiency DC-DC converters to provide stable voltage to the FPGA and high-speed memory.
---
### 3. Functional Block Diagram (Simplified)
Below is how the electronic signals flow through the HVS-C6-R:
```mermaid
graph LR
A[Camera] -- CLHS Signal --> B(Optical/Copper Port)
B --> C[SerDes/Transceiver]
C --> D[FPGA Processing]
D <--> E[DDR Buffer Memory]
D --> F[PCIe Gen3 Interface]
F --> G[Host PC]
```
---
### 4. Technical Advantages
* **Fiber Optic Support:** Many versions use SFP+ modules, allowing for long cable runs (up to 10km) without electromagnetic interference (EMI).
* **Low Latency:** The hardware-level implementation of the CLHS protocol ensures sub-microsecond trigger latency for high-speed production lines.
* **Reliability:** Uses "Resend" technology defined in the CLHS specification, which electronically detects and corrects bit errors automatically.
- ⤷
What are the specific differences between the HVS-C6-R and standard Camera Link cards?
- ⤷ Does this card support Power over Camera Link (PoCL)?
- ⤷ Which FPGA manufacturer is typically used in this board series?