AI

The **HVS-EE-R** typically refers to a high-voltage sensor or transducer component used in power electronics, specifically within the **LEM** (Liaisons Electroniques et Mécaniques) product families or similar high-precision voltage isolation systems. These parts are designed to measure high DC, AC, or pulsed voltages with galvanic isolation.
---
### 1. Core Electronic Specifications
The "EE" series usually signifies an electronic board-level integration with specific input/output characteristics.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Primary Voltage ($U_{pn}$)** | 100V to 4000V (Model dependent) |
| **Secondary Output** | Current signal (e.g., 50mA) or Voltage signal |
| **Accuracy** | ±0.5% to ±1.5% at $+25^\circ C$ |
| **Frequency Bandwidth** | DC to 15 kHz |
| **Isolation Voltage** | 4kV to 12kV AC / 50Hz / 1 min |
| **Power Supply** | ±15V to ±24V DC |
---
### 2. Key Electronic Internal Components
The HVS-EE-R functions based on the **Closed Loop Hall Effect** or **Electronic Isolated Amplifier** principle.
#### A. Primary Resistor Network
High-precision, high-stability resistors are used at the input stage to convert the primary voltage into a small primary current ($I_p$). These resistors must handle significant power dissipation and thermal drift.
#### B. Isolation Barrier
This is the most critical part of the electronic design. It ensures that the high-voltage side is physically and electrically separated from the low-voltage control side (PLC, Microcontroller, or DSP).
#### C. Compensation Circuit (Closed Loop)
* **Hall Generator:** Senses the magnetic flux created by the primary current.
* **Integrator/Amplifier:** An internal Op-Amp circuit drives a secondary current into a compensation coil.
* **Secondary Coil:** Creates an opposing magnetic field to maintain a "zero flux" state, ensuring high linearity.
---
### 3. Connection Pinout (Typical)
Most HVS-EE-R modules utilize a multi-pin connector for the low-voltage side:
| Pin | Function | Description |
| :--- | :--- | :--- |
| **+Vc** | Positive Supply | Usually +15V or +24V |
| **-Vc** | Negative Supply | Usually -15V or -24V |
| **M** | Measurement | Output signal (current or voltage) |
| **0V** | Ground | Common reference for power supply |
---
### 4. Applications
* **Traction Converters:** Measuring overhead line voltages in trains.
* **Renewable Energy:** Monitoring DC link voltages in large solar inverters.
* **Industrial Drives:** Voltage feedback for high-power motor control.
---
### 5. Implementation Example (Code Logic)
When reading the output of an HVS-EE-R with a microcontroller (via a shunt resistor $R_m$), use the following logic:
```python
# Constants based on HVS-EE-R Datasheet
V_PRIMARY_MAX = 2000.0 # Max rated primary voltage
I_SECONDARY_MAX = 0.050 # 50mA secondary output
R_SHUNT = 100.0 # Shunt resistor in Ohms
def calculate_voltage(adc_value, v_ref, resolution):
# Convert ADC to measured voltage across R_shunt
v_measured = (adc_value / (2**resolution - 1)) * v_ref
# Calculate Secondary Current
i_sec = v_measured / R_SHUNT
# Calculate Primary Voltage
v_primary = (i_sec / I_SECONDARY_MAX) * V_PRIMARY_MAX
return v_primary
```
- ⤷
What is the difference between the HVS-EE-R and standard LV-25 voltage sensors?
- ⤷ How do I select the correct external resistor for an HVS series sensor?
- ⤷ What are the thermal considerations for mounting HVS-EE-R components?