HVS-F0-R
AI

Based on technical specifications for industrial fiber-optic sensing, the **HVS-F0-R** is a high-performance fiber optic amplifier/sensor unit commonly used in automated inspection and precision detection.
Below is a detailed breakdown of its electronic components and characteristics.
---
### 1. Key Technical Specifications
The HVS-F0-R is designed for high-speed response and stability in harsh industrial environments.
| Feature | Specification |
| :--- | :--- |
| **Output Type** | NPN Open Collector (typically) |
| **Response Time** | High-speed mode (approx. 50-100μs) / Standard mode |
| **Light Source** | Red LED (Visible) |
| **Operating Voltage** | 12 - 24 VDC ±10% |
| **Current Consumption** | < 40mA |
| **Control Output** | Max 100mA (30VDC) |
---
### 2. Core Electronic Components
The device consists of several internal electronic subsystems that handle signal processing:
* **Emitter Circuit:** Drives the high-intensity Red LED. It uses pulse modulation to differentiate the sensor's own light from ambient light interference.
* **Receiver Circuit (Photodiode):** A high-sensitivity silicon photodiode that converts returning light into a small electrical current.
* **Microcontroller (MCU):** The "brain" of the unit. It performs the Analog-to-Digital conversion, manages the threshold settings, and calculates the signal margin.
* **Output Transistor:** An NPN or PNP transistor (model dependent) that acts as a switch to signal a PLC or controller when a target is detected.
* **Potentiometer/Digital Display:** Interfaces for sensitivity adjustment. In digital versions, this includes a 7-segment LED display.
---
### 3. Connection Pinout
The HVS-F0-R typically uses a standard 3-wire or 4-wire color-coding system:
```yaml
Brown: Positive (+) 12-24V DC
Blue: Negative (-) 0V / Common
Black: Control Output (NPN Switch)
Pink: External Input (Remote Teach/Reset) - Optional
```
---
### 4. Operational Features
1. **Sensitivity Adjustment:** Allows the user to set the "Threshold" value. When the received light intensity exceeds this value, the output triggers.
2. **Timer Functions:** Many units in this series include On-Delay, Off-Delay, or One-Shot timers to help PLCs process very fast signals.
3. **Mutual Interference Prevention:** Electronic logic that allows multiple sensors to be mounted side-by-side without their light beams interfering with each other.
- ⤷
How do I wire the NPN output of the HVS-F0-R to a PLC?
- ⤷ What is the difference between Light-ON and Dark-ON modes for this sensor?
- ⤷ Which fiber optic cables are compatible with the HVS-F0-R unit?