HVS-F5-R
AI

The **HVS-F5-R** is a high-performance **High Voltage Spark Gap** (specifically a triggered gas-discharge tube or spark gap) commonly utilized in industrial pulse power applications, ignition systems, and surge protection.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The HVS-F5-R belongs to the family of **Triggered Spark Gaps**. Unlike a standard two-electrode gap that breaks down only when its threshold is reached, this component features a third electrode (trigger) that allows for precise timing of the high-voltage discharge.
### 2. Technical Specifications
Typical parameters for the HVS-F5 series are outlined in the table below:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Main Breakdown Voltage** | 5.0 kV (Nominal) |
| **Trigger Voltage** | > 10 kV |
| **Peak Current Capacity** | 20 kA - 50 kA |
| **Energy Rating** | Up to 100 Joules |
| **Housing Material** | Ceramic or Reinforced Glass |
| **Internal Atmosphere** | Pressurized Inert Gas (Hydrogen/Nitrogen mix) |
### 3. Key Electronic Parts & Construction
The device is composed of several critical sub-elements:
* **Primary Electrodes (Anode/Cathode):** Heavy-duty tungsten or copper-tungsten alloy disks designed to withstand high temperatures and plasma erosion during the arc-over phase.
* **Trigger Electrode:** A thin needle-like probe located near the cathode. When a high-voltage pulse is applied here, it ionizes the gas locally, causing the main gap to become conductive.
* **Ceramic Envelope:** High-alumina ceramic housing provides high insulation resistance and structural integrity against the internal pressure of the gas.
* **Hermetic Seal:** Specialized metal-to-ceramic seals ensure the pressurized gas does not leak, maintaining a consistent breakdown voltage over thousands of cycles.
### 4. Working Principle
The HVS-F5-R operates on the principle of **Gas Ionization**:
1. **Standby:** The main voltage (e.g., 4kV) is applied across the main electrodes but is below the 5kV breakdown threshold.
2. **Triggering:** A trigger circuit sends a fast-rising pulse (>10kV) to the trigger electrode.
3. **Conduction:** The trigger pulse creates a "pilot" spark, ionizing the internal gas. The resistance drops instantly, allowing the main stored energy to discharge through the gap.
---
### 5. Application Areas
* **Medical:** Lithotripsy (breaking kidney stones).
* **Industrial:** High-energy pulse welding and metal forming.
* **Defense:** Firing systems for detonators and pulsed laser power supplies.
* **Research:** Marx generators and particle accelerators.
- ⤷
What are the safety precautions when handling the HVS-F5-R in a circuit?
- ⤷ How does the trigger pulse rise time affect the switching speed of this spark gap?
- ⤷ What are the common failure modes for triggered gas-discharge tubes?