Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HVS-FG-R

  • AI
    The **HVS-FG-R** typically refers to a high-voltage sensor or trigger module used in industrial and consumer electronics, often associated with safety interlocks, high-speed photography (flash triggers), or power supply monitoring. Below is an overview of the electronic components and technical characteristics generally associated with this type of module. --- ### 1. Key Electronic Components The internal circuitry of an HVS-FG-R module is designed to handle high-voltage inputs while providing a low-voltage, isolated output signal. | Component Category | Functionality | | :--- | :--- | | **Optoisolators** | Ensures galvanic isolation between the high-voltage input and the low-voltage control circuit. | | **Step-down Resistors** | Large, high-wattage resistors used to drop the input voltage to a level manageable by the internal circuitry. | | **Rectifier Bridge** | Converts AC input (if applicable) to DC for internal logic processing. | | **Zener Diodes** | Used for voltage regulation and protection against transient voltage spikes. | | **Terminal Blocks** | Heavy-duty connectors designed for high-creepage distances to prevent arcing. | --- ### 2. Technical Specifications While specific values may vary based on the manufacturer (e.g., specific pulse triggers vs. voltage sensors), common parameters include: * **Input Voltage Range:** Often rated for 100V to 600V AC/DC (depending on the specific FG-R sub-model). * **Response Time:** Typically < 50ms for safety monitoring. * **Isolation Rating:** Usually 2.5kV to 4kV to protect logic-level controllers (PLCs/Microcontrollers). * **Output Type:** Often a Dry Contact (Relay) or Open Collector (Transistor). --- ### 3. Circuit Block Diagram (Functional) To understand the electronic flow, consider the following structural logic: ```mermaid graph LR A[High Voltage Input] --> B[Voltage Divider/Current Limiter] B --> C[Rectification & Filtering] C --> D[Optical Isolation] D --> E[Output Logic/Relay Driver] E --> F[Signal Output] ``` --- ### 4. Application Context The "FG-R" designation frequently points to **Frame Ground - Relay** or **Fault Ground - Resistance** monitoring. 1. **Ground Fault Detection:** Monitors for leakage current between the high-voltage line and the chassis. 2. **Safety Interlocks:** Ensures a high-voltage capacitor bank has discharged before allowing a cabinet door to open. 3. **Pulse Monitoring:** In flash/strobe systems, it acts as a trigger interface to synchronize high-voltage discharges.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the HVS-FG-R series?
    • ⤷ How do you wire the HVS-FG-R to a standard PLC?
    • ⤷ Are there specific maintenance requirements for the optoisolation components in this module?