AI

The **HVS-H4-R** is a high-performance video switcher module, typically associated with Hanwha Vision (formerly Hanwha Techwin) or Hanwha Systems. It is primarily used in integrated security systems, surveillance control rooms, and broadcasting environments to manage multiple video feeds.
---
### Core Electronic Components and Functions
The internal architecture of the HVS-H4-R is designed for low-latency signal routing and high-bandwidth data processing.
| Component Category | Description | Primary Function |
| :--- | :--- | :--- |
| **FPGA / ASIC** | Field Programmable Gate Array | Handles high-speed video switching, scaling, and real-time signal processing without CPU overhead. |
| **Video Decoders** | Multi-standard chips | Converts incoming analog or digital signals into a standard digital format for internal routing. |
| **Buffer Memory** | DDR3/DDR4 SDRAM | Provides temporary storage for video frames to ensure smooth transitions and synchronization (Genlock). |
| **I/O Controllers** | HDMI/SDI Interfaces | Manages the physical connection and handshake protocols (EDID/HDCP) for input and output ports. |
| **Power Management** | DC-DC Converters | Regulates voltage levels for sensitive logic circuits and provides surge protection. |
---
### Key Technical Specifications
The "H4" designation often refers to its capacity for 4K resolution or specific 4-channel configurations.
* **Signal Support:** Supports 4K UHD (Ultra High Definition) at 60Hz.
* **Interface Type:** Usually utilizes HDMI 2.0 or 12G-SDI, depending on the specific chassis integration.
* **Latency:** Optimized for "Sub-frame" latency, critical for PTZ (Pan-Tilt-Zoom) camera control.
* **Communication:** RS-232, RS-485, or Ethernet (RJ45) for remote command execution and firmware updates.
---
### Circuit Connectivity Overview
The electronic layout is typically divided into three main sections:
1. **Input Stage:** Receives raw video signals. Uses **ESD protection diodes** to prevent damage from static electricity during cable insertion.
2. **Switching Matrix:** The "heart" of the device. A high-speed crossbar switch that routes any input to any output based on software commands.
3. **Output Stage:** Re-clocks the signal to eliminate "jitter" (signal noise) before sending it to monitors or recording devices.
```json
{
"part_number": "HVS-H4-R",
"category": "Video Matrix Switcher / Sub-board",
"primary_interface": "HDMI / SDI",
"max_resolution": "3840 x 2160"
}
```
- ⤷What is the specific power consumption of the HVS-H4-R module?
- ⤷ Does this model support seamless switching between different frame rates?
- ⤷ Is the HVS-H4-R compatible with older analog CVBS signals?