HVS-J4-R
AI

## Overview of HVS-J4-R Electronic Parts
The **HVS-J4-R** typically refers to a high-voltage connector assembly or a specific automotive/industrial wiring component (often associated with high-current sensing or power distribution systems). Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | High Voltage Connector / Junction Interface |
| **Rated Voltage** | 600V - 1000V DC (Application dependent) |
| **Rated Current** | Up to 40A - 60A per contact |
| **Contact Material** | Copper Alloy with Silver (Ag) or Tin (Sn) Plating |
| **Insulation Resistance** | > 100 MΩ |
| **Operating Temperature** | -40°C to +125°C |
| **Protection Class** | IP67 / IP6K9K (Waterproof/Dustproof) |
---
### 2. Key Electronic Components
The assembly is composed of several critical sub-parts designed for high-power integrity:
#### A. Contact Terminals
* **Male/Female Pins:** Precision-machined copper alloy pins designed to minimize contact resistance.
* **Plating:** Silver plating is common to prevent oxidation under high thermal stress and to maintain high conductivity.
#### B. Housing & Insulation
* **Dielectric Material:** Usually made of Glass-Reinforced PBT or PA66 (Polyamide). These materials provide high dielectric strength to prevent "arcing" between high-voltage lines.
* **Color Coding:** Often utilizes orange housing, the industry standard for High Voltage (HV) components in electric vehicles (EVs).
#### C. Sealing & Shielding
* **Interfacial Seals:** Silicone rubber gaskets that prevent moisture ingress, crucial for maintaining insulation resistance.
* **EMI Shielding:** Integrated metal shields or conductive shells to reduce Electromagnetic Interference (EMI) generated by high-frequency switching in HV systems.
---
### 3. Safety Features (HVIL)
Most components in the HVS-J4 series incorporate a **High Voltage Interlock Loop (HVIL)**.
* **Function:** A low-voltage signal circuit that "breaks" before the high-voltage contacts do.
* **Electronic Logic:** If the connector is partially unplugged, the HVIL circuit opens, triggering the vehicle's Battery Management System (BMS) to disconnect the main contactors, preventing electric shock or arcing.
---
### 4. Application Context
The **HVS-J4-R** is frequently found in:
* **Electric Vehicle (EV) Inverters:** Connecting DC power to the motor controller.
* **Battery Packs:** Serving as a junction point for the main power output.
* **On-Board Chargers (OBC):** Managing AC to DC power conversion paths.
- ⤷
What is the pin configuration for the HVS-J4-R connector?
- ⤷ How does the HVIL circuit integrate with the Battery Management System?
- ⤷ What are the specific torque requirements for mounting this component?